Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1113/66 Datasheet(PDF) 7 Page - APM Hexseal Corporation All Rights Reserved

Part # C1113/66
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/66 Datasheet(HTML) 7 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1113/66 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved C1113/66 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved C1113/66 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved C1113/66 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved C1113/66 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved C1113/66 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1113/66 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved C1113/66 Datasheet HTML 10Page - APM Hexseal Corporation All Rights Reserved C1113/66 Datasheet HTML 11Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Anatomy of a Hermetic Sealing Boot
Protects an Unsealed Switch
3 Performance Levels to Choose From
Single-piece design for toggle,
pushbutton, rocker or
rotary styles, in any color
High tear-strength silicone rubber
with actuation-compatible tactility
Patented perimeter sealing
rib seals mounting hole
and protects behind-
panel components.
No O-ring required.
Molded-in mounting
nut cross-linked to
silicone sheath exterior
Mounting hole
Bushing seal
for protection
of hermetically
sealed switches
Sealed switches require
panel cut-out
protection …
Nautilus® design protective chamber
with secondary inner seal
The cut-a-way of the boot shown contains an integral secondary seal (Fig. 1) that provides additional protection against
differential pressure (inside equipment vs atmospheric) that compresses/seals the toggle-actuator. The secondary chamber also
creates a second-barrier should the top half be breached or compromised in any way. All HEXSEALS and E-SEELS also feature
our patented flange sealing rib to prevent leakage from seeping past the mounting hole.
Two mounting methods are offered. Our standard bonded nickel-plated brass mounting-nut which replaces the switches original
exterior mounting-nut (which is discarded) and an optional method that uses a bonded aluminum IQ Concentro-Nut™ (Fig. 2) that
fits over the original switch exterior mounting nut. The Concentro-Nut option is ideal for maintenance servicing applications
where minimum switch disturbance is desirable.
The switch mounting holes on hermetically sealed switches also need environmental panel protection from possible contaminant
seepage, i.e., moisture, dust, spilled coke and coffee, etc. For this reason, APM has developed a bonded silicone rubber-stainless
steel switch bushing seal (Fig. 3). This special seal, specifically designed for hermetically sealed switches, is superior to ordinary
O-rings or washers and meets the stringent requirements of MIL-DTL-5423/16-01, MS 25196, and is a UL recognized component.
SNAP-SEALS®
E-SEELS®
HEXSEALS®
GOOD
• Commercial Grade•
• Neoprene rubber
• Two-piece design
• -65°F to +300°F (-53°C to +148°C)
temperature range
• Suitable for some commercial and
consumer applications including low-
cost appliances and tools
BETTER
• Industrial Grade •
• UL-recognized component for US &
Canada
• High tear-strength silicone rubber
(other materials available)
• Single-piece construction
• -80°F to +400°F (-62°C to +204°C)
temperature range
• Suitable for industrial and
commercial applications
BEST
• Military Grade•
• High tear-strength silicone rubber per
A-A-59588, Class 3B (other materials
available)
• Single-piece design
• -94°F to +400°F (-70°C to +204°C)
temperature range
• Suitable for military and industrial
applications
• UL-recognized component for US &
Canada
7
(See
page 20)
Fig. 1
Fig. 2
Patent No.
7,964,812
Fig. 3
Bonded
CONCENTRO-
NUT —
fits over
switch
nut
IQ-1030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com