Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1113/80 Datasheet(PDF) 5 Page - APM Hexseal Corporation All Rights Reserved

Part # C1113/80
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/80 Datasheet(HTML) 5 Page - APM Hexseal Corporation All Rights Reserved

  C1113/80 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved C1113/80 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved C1113/80 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved C1113/80 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved C1113/80 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved C1113/80 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved C1113/80 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved C1113/80 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1113/80 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
www.apmhexseal.com
800.498.9034
CROSS REFERENCES — UNSEALED SWITCHES
(Partial list — consult factory for additional listings for these and other manufacturers)
APM
Hexseal P/N*
Carlingswitch
E-Switch
Cutler
Hammer
Gaynor
Siemens
Sensata
Honeywell
ITT (C&K)
APEM
Eaton
Boots
Toggle Switches
Your choice
of...
Full-toggle
boot:
(15/32-32 Thread)
N1030
IN1030
IQ1030
C1131/27
C1131/28
or
Half-toogle
boot:
(15/32-32 Thread)
N1030B
C1132/20
I & G Series with 52, 63, or
73 style toggle actuator
F Series
with 22, 62, 63, or 73
style toggle actuator
H Series
with 63 or 73
style toggle actuator
C Series
with 52 or 73
style toggle actuator
110/216 Series with
21, 22, 52, 63, / 73
style toggle actuator
( Model Numbers: 110, 111,
112, 160, 216, 316, & 516)
D Series
DK/EK Series
with 32, 72, or 73
style toggle actuator
100 Series
W/T7
actuator
100 Series
W/T8
actuator
8690K1/K2
73xxK Series
through
76xxK Series
82xxK Series
83xxK Series
6600 Series
7000 Series
7100 Series
7200 Series
9000 Series
9100 Series
9200 Series
W31 Series
AP12 Series
AP112 Series
(Requires APM adt
Bushing 2500/1/5,
15/32-32 to
3/8-32)
B1/B2 Series
(Snapak)
(Requires APM
boot with 1/2-32
threaded insert)
NT Series
(Non-locking Ac-
tuator)
7000 -T & T1
Series
(15/32-32 Thread)
9000 -T & T1
Series
(15/32-32 Thread)
ST2
Series
8510 - 8512 Series
8520 - 8522 Series
8526 - 8528 Series
8566 - 8568 Series
8530 - 8532 Series
8533 - 8535 Series
8500 - 8502 Series
8570 - 8572 Series
A3-200 Series
A3-210 Series
8836 - 8838 Series
8843 - 8845 Series
8866 - 8869 Series
APM
Hexseal P/N*
Honeywell
Eaton
Boots
Locking Toggle Switches
Locking Toggle Boots:
(15/32-32 Thread)
1132/31
C1132/26
11TW1-2 Series
11TW1-3 Series
11TW1-8 Series
12TW1-2 Series
12TW1-3 Series
12TW1-8 Series
2LT1 Series
8536 - 8538 Series
8503 - 8505 Series
8573 - 8575 Series
8505A3-213 Series
8505A3-209 Series
8836 - 8838 Series
8843 - 8845 Series
8855 Series
8866 - 8869 Series
Toggle Switches
Locking Toggle Switches
Rocker Switches
APM Hexseal P/N*
Grayhill
Honeywell-Clarostat
Rotary Shaft Seals
Rotary Switch Series
N9042x1/8
1/4-28 thd.
STD. 1/8 (.125) shaft
50 std, 51 std, 56 std., 26, 51
N9030x1/4
3/8-32 thd.
(M5423/09-02)
1/4 (.250) shaft
19, 24, 50,51, 5000, 71B, 71MB, 71BF, 71MBF, 62A, 62V,
62D, 62F, 62R, 61A, 61B, 61C, 61S (.250 shaft), 61K, 61R,
61Z, 25, 25L, 71 (.250 shaft), 42, 43, 44, 54, 53, 57, 59
1/4 (.250) shaft
H - CL Series
73, 308, 309, 380C3,
600EN
N9030x1/8
3/8-32 thd.
(M5423/09-01)
1/8 (.125) shaft
388L, RA10L, RA20L,
RV4L, RV6L, 308L, 309L
N9040x1/8
1/4-32 thd.
(M5423/09-03)
1/8 (.125) shaft
71A, 71MA, 71AF, 71MAF, 71BT, 61M,
61S (.125 shaft), 71 (.125 shaft), 08, 09
1/8 (.125) shaft
388N, 389N, 392, 308N,
309L, RA10N, RA20N,
RV4N, RV6N
N9063x1/4
1/2-32 thd.
(M5423/09-06)
1/4 (.250) shaft
63K, 63R
Rotary Switches
Pushbutton boots:
(15/32-32 Thread or
7/16-28 Thread )
N3030
C1231/41
Eaton
Carling
Siemens
Honeywell
APEM
C&K
8440
8411 K5/K13
8418 K1/K11
8448 K1/K2
8943 K28/K29
"P"
P26
P27
W58 - 4
W58 - 1
W58 Series
(15/32-32 Thread
or 7/16-28
Thread)
2PB Series
(15/32-32
Thread)
300 Series
(With T1 option)
8500M
8500S
8500T
APM
Hexseal P/N
Compatible with these
Rocker Switch Manufacturers (Partial List)
C1111/7
Consult Factory
C1113/62
Eaton/Arrow Hart – 2600 Series
C1113/63
Eaton/Arrow Hart – 2600 Series
C1113/66
Carlingswitch #621
C1113/70
Carlingswitch RSC Series
C1113/71
C1113/80
Carlingswitch
M Series
Sensata R11
Eaton/Heinemann LC-1
Siemens W-33
Carling LTI6
C1113/75
Carlingswitch M Series
Sensata R21
Eaton/Heinemann LC-2
C1213/53
C1213/60
Oslo S Series
Oslo S Series
NOTE: 7/16-28 thread needs to be requested where required for proper fit. M12 thread needs to
be requested where required for proper fit as well.
*For metric sizes
consult factory.
APM Hexseal P/N*
Eaton
Carling
Gaynor
Siemens
NKK
Pushbutton Boots
Pushbutton Switch Series
Pushbutton boots:
(15/32-32 Thread or
7/16-28 Thread)
NC3030, C1231/42
7835 K 12A, 7836 K 11B
8411/K7/K8/K12, 8418/K2/K12
8432, 8433, 7193/K101
8943/K28/K29, 8980/K202
7228K2, 7227K2, 7229K2
16-3P, 170/172
110/316P, 641
6611, 6612
6616, 6617
7000, 7100
W58 - 4
W58 - 1
MB2000
SB 265
SCB - 2A
Pushbutton Switches
RoHS
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com