Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8772 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8772
Description  Audio/Con trol/In strumen tation , (3) 20 AW G (7x28) TC, PE/PVC, Foil Sh ld, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8772 Datasheet(HTML) 2 Page - Belden Inc.

  8772 Datasheet HTML 1Page - Belden Inc. 8772 Datasheet HTML 2Page - Belden Inc. 8772 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type M aterial
M aterial Trade
Name
Coverage
[%]
Drainwire
M aterial
Drainwire
AW G
Drainwire Construction n x
D
Tape Aluminum Foil-Polyester
Tape
Beldfoil® (Z-Fold®)
100 %
TC - Tinned
Copper
20
7x28 mm
Outerjacket 1:
M aterial
Nominal Diameter
Nominal W all Thickness
PVC - Polyvinyl Chloride
0.218 in
0.033 in
Electrical Characteristics
Conductor DCR:
Nominal Conductor DCR
Nominal Outer Shield DCR
10 Ohm/1000ft
8.9 Ohm/1000ft
Capacitance:
Nom. Capacitance Conductor to Conductor
Nom. Capacitance Conductor to Other Conductor to Shield
27 pF/ft
51 pF/ft
Current:
Element
M ax. Recommended Current [A]
10C Temperature Rise
4 Amps per conductor @ 25°C ambient
Voltage:
UL Voltage Rating
300 V RMS
Use
Suitability - Indoor:
Yes
M ax Recommended Pulling Tension:
45 lbs
Safety
CSA Flammability:
FT1
UL Flammability:
UL1685 UL Loading
Temperature Range
Operating Temp Range:
-20°C To +60°C
UL Temp Rating:
60°C (UL AW M Style 2093)
Mechanical Characteristics
Part # PF_8772 | Page 2 of 3 | June 22, 2016



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com