Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1112/7 Datasheet(PDF) 3 Page - APM Hexseal Corporation All Rights Reserved

Part # 1112/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

1112/7 Datasheet(HTML) 3 Page - APM Hexseal Corporation All Rights Reserved

  1112/7 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
www.apmhexseal.com
800.498.9034
Pushbutton style
front-of-panel mounted
switch boot
Color Matching
Toggle style
front-of-panel mounted
switch boots
Pushbutton style
front-of-panel mounted
switch boot
Rocker style
front-of-panel mounted
circuit breaker boots
Lever style front-of-panel
mounted sealing boots
Lever style back-of-panel
mounted circuit breaker boots
Digital Panel Meter custom cover
Heavy duty, armored, stainless
steel, mushroom head boot
Lever style back-of-panel
mounted circuit breaker boot
Why hostile switch environment
protection is needed
Unsealed switches are internally suscep-
tible to damage and shorting from water,
lubricants, dust, dirt, sand, salt spray,
corrosive atmospheres, fungus and other
damaging contaminants. Even factory
sealed switch function is susceptible to ice
and dust build-up. And, all switch panel-
mounting
cutouts
are
vulnerable
to
contaminant seepage including spilled soft
drinks, coffee, etc. APM’s UL-recognized
HEXSEAL® and E-SEEL® sealing boots
provide
complete
and
reliable,
cost-
effective, long-term protection.
How HEXSEAL® & E-SEEL®
Boots protect
Working closely with switch, potentiometer
and circuit breaker manufacturers and users
for more than 60 years, APM has developed
an extensive line of tough, pliant silicone
rubber (other materials available for specific
environments) panel seals that function
harmoniously with the switch’s manual and
automatic operation and position status
viewing. Our panel seals are UL 50 tested
and Recognized. In this age of recalls and
expensive
field
servicing,
installing
a
HEXSEAL boot is the most effective and
least expensive way to protect and guard
against
switch,
circuit
breaker
and
potentiometer failures.
Toggle, Pushbutton, Rocker, Rotary
Actuated Sealing Boots
NEMA Mounted Enclosure Example – Switch & Circuit Breaker Boots
HEXSEAL® & E-SEEL® SEALING BOOTS —
LIFE SUPPORT SYSTEMS FOR SWITCHES
Standard colors are black and gray. Boots can be
color-matched to panel/function coding.
All standard EMI/RFI boots feature a knitted Monel shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com