Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND100D-SM02-R Datasheet(PDF) 2 Page - Superior Sensors Technology.

Part # ND100D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND100D-SM02-R Datasheet(HTML) 2 Page - Superior Sensors Technology.

  ND100D-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
2
Table of Contents
1 Maximum Ratings................................................................ 2
2 Suggested Operating Conditions ......................................... 2
3 Environmental ..................................................................... 2
4 Equivalent Circuit................................................................. 2
5 Feature List.......................................................................... 3
6 Performance Characteristics ............................................... 4
7 Electrical Characteristics...................................................... 4
7.1 Supply Characteristics................................................. 4
7.2 Reset Characteristics .................................................. 5
7.3 DAV Characteristics .................................................... 5
7.4 I2C Characteristics....................................................... 5
7.5 SPI Characteristics ...................................................... 6
8 Materials.............................................................................. 6
8.1 Wetted Materials........................................................ 6
8.2 Material Compliance .................................................. 6
9 System Overview................................................................. 7
10 Interface .............................................................................. 8
10.1 Reset........................................................................... 8
10.2 Communication Interface Selection ........................... 8
10.3 SPI Interface................................................................ 8
10.4 I2C Interface ................................................................ 9
10.4.1 I2C Address....................................................... 9
10.4.2 I2C Communications Model ............................. 9
10.4.3 I2C Clock Stretching........................................ 10
10.4.4 I2C Bus Compatibility...................................... 10
10.5 Extended Data Acquisition ....................................... 10
10.5.1 Available Extended Data................................ 10
10.5.2 SPI Extended Data Read................................. 10
10.5.3 I2C Extended Data Read ................................. 10
10.6 Control Registers ...................................................... 11
10.6.1 Mode Control Register................................... 11
10.6.2 Rate Control Register..................................... 12
10.7 Computing Pressure ................................................. 12
11 Mechanical and Manufacturing......................................... 13
11.1 Package Dimensions ................................................. 13
11.2 Suggested Pad Layout............................................... 13
11.3 Pinout ....................................................................... 14
11.4 Reflow Soldering and Handling Conditions ..............14
11.5 Pick and Place Pick-up Zone ..................................... 14
11.6 Packaging Options .................................................... 15
11.6.1 Tray Packaging ............................................... 15
11.6.2 Tape and Reel ................................................ 16
11.7 Part Identification..................................................... 16
12 Packaging Labeling............................................................. 17
13 Ordering Information ........................................................ 17
14 Revisions............................................................................ 18
15 Warranty............................................................................ 18
1 Maximum Ratings
Parameter
Sym
Min
Max
Units
Supply Voltage
VDDM
Gnd-0.3
4.0
V
Voltage on I/O Pins
VDD > 3.3V
VDD ≤ 3.3V
VIOML
VIOMH
Gnd-0.3
Gnd-0.3
5.8
VDD+2.5
V
V
I/O Current
IIOM
-25
25
mA
2 Suggested Operating Conditions
Parameter
Sym
Min
Max
Units
Supply Voltage
VDDOP
2.8
3.5
V
Temperature
TA
-20
85
°C
3 Environmental
Parameter
Sym
Min
Max
Units
Temperature Range
Compensated
Operating
Storage
TCMP
TOP
TSTG
-20
-20
-40
85
85
85
°C
°C
°C
Humidity
(Non-condensing)
RHOP
0
95
% RH
Vibration
(10Hz-2kHz)
GVIBE
-
15
g
Shock (6 ms)
GSHOCK
-
100
g
Life
CYLIFE
10M
-
Pressure
Cycles
4 Equivalent Circuit
DAV
nRST
SCK
nSS
VDD
Gnd
DAV
nRST
SCK
nSS
VDD
Gnd
Port B
Port A
PLOW
PHIGH
MISO/SDA
MOSI/SCL
MISO/SDA
MOSI/SCL
PLOW
PHIGH
Sensor
(SPI)
Port B
Port A
Sensor
(I2C)
VI2CAddress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com