Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2000AS Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FPD2000AS
Description  2W PACKAGED POWER PHEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2000AS Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FPD2000AS_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD2000AS_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2000AS_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2000AS_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2000AS_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2000AS_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD2000AS_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD2000AS_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD2000AS_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
2
Datasheet v3.0
FPD2000AS
ABSOLUTE MAXIMUM RATING
1:
PARAMETER
SYMBOL
TEST CONDITIONS
ABSOLUTE MAXIMUM
Drain-Source Voltage
VDS
-3V < VGS < -0.5V
7
12V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3V
Drain-Source Current
IDS
For VDS < 2V
IDSS
Gate Current
IG
Forward / reverse current
+15/-2mA
RF Input Power
2
PIN
Under any acceptable bias state
29.5dBm
Channel Operating Temperature
TCH
Under any acceptable bias state
175°C
Storage Temperature
TSTG
Non-Operating Storage
-40°C to 150°C
Total Power Dissipation
3
PTOT
See De-Rating Note below
7.6W
Notes:
1 T
Ambient = 22°C unless otherwise noted; exceeding any one of these absolute maximum ratings may cause
permanent damage to the device; Users should avoid exceeding 80% of 2 or more Limits simultaneously
2 Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3 Total Power Dissipation defined as: P
TOT ≡ (PDC + PIN) – POUT,
where PDC: DC Bias Power, PIN: RF Input Power, POUT: RF Output Power
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 7.6 - (0.05W/°C) x TPACK
where TPACK= source tab lead temperature above 22°C
(Coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 55
°C carrier temperature: P
TOT = 7.6W – (0.05 x (55 – 22)) = 5.95W
5 For optimum heat sinking, metal-filled through (Source) via holes should be used directly below the central
metallized ground pad on the bottom of the package
6 Thermal Resistivity: The nominal value of 20
°C/W is measured with the package mounted on a large heatsink
with thermal compound to ensure adequate (unsoldered) contact. The package temperature is referred to the
Source leads
7 Operating at absolute maximum VD continuously is not recommended. If operation is considered then IDS must
be reduced in order to keep the part within it's thermal power dissipation limits. Therefore VGS is restricted
to <-0.5V.
BIASING GUIDELINES:
•
Active bias circuits provide good performance stabilization over variations of operating
temperature, but require a larger number of components compared to self-bias or dual-biased.
Such circuits should include provisions to ensure that Gate bias is applied before Drain bias,
otherwise the pHEMT may be induced to self-oscillate.
•
Dual-bias circuits are relatively simple to implement, but will require a regulated negative voltage
supply for depletion-mode devices such as the FPD2000AS.
•
The recommended 350mA bias point is nominally a Class AB mode. A small amount of RF gain
expansion prior to the onset of compression is normal for this operating point.
RECOMMENDED OPERATING BIAS CONDITIONS
:
•
Drain-Source Voltage:
From 5V to 10V
•
Quiescent Current:
From 25% IDSS to 55% IDSS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com