Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2000AS-EB Datasheet(PDF) 7 Page - Filtronic Compound Semiconductors

Part # FPD2000AS-EB
Description  2W PACKAGED POWER PHEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2000AS-EB Datasheet(HTML) 7 Page - Filtronic Compound Semiconductors

Back Button FPD2000AS-EB Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2000AS-EB Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2000AS-EB Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2000AS-EB Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2000AS-EB Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD2000AS-EB Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD2000AS-EB Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD2000AS-EB Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD2000AS-EB Datasheet HTML 10Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
7
Datasheet v3.0
FPD2000AS
S-PARAMETERS:
Note: Biased @ 10V, 350mA
FREQ-GHZ
S11MAG
S11ANG
S21MAG
S21ANG
S12MAG
S12ANG
S22MAG
S22ANG
0.50
0.89
-151.40
12.52
96.06
0.02
23.09
0.41
-163.97
0.60
0.89
-158.58
10.57
91.14
0.02
21.17
0.41
-168.16
0.70
0.89
-164.23
9.14
86.95
0.02
20.24
0.42
-171.39
0.80
0.89
-168.91
8.06
83.20
0.02
19.30
0.42
-174.09
0.90
0.89
-172.86
7.20
79.78
0.03
18.90
0.42
-176.33
1.00
0.89
-176.35
6.51
76.60
0.03
18.57
0.42
-178.37
1.10
0.89
-179.44
5.93
73.62
0.03
18.50
0.42
179.80
1.20
0.89
177.74
5.45
70.77
0.03
18.46
0.42
178.18
1.30
0.89
175.11
5.05
68.02
0.03
18.41
0.43
176.66
1.40
0.88
172.67
4.70
65.34
0.03
18.34
0.43
175.27
1.50
0.88
170.35
4.40
62.72
0.03
18.30
0.43
173.92
1.60
0.88
168.17
4.13
60.18
0.03
18.25
0.43
172.69
1.70
0.88
166.09
3.89
57.70
0.03
18.34
0.43
171.34
1.80
0.88
164.11
3.69
55.24
0.03
18.22
0.43
170.15
1.90
0.88
162.17
3.50
52.76
0.03
18.00
0.43
168.95
2.00
0.88
160.30
3.34
50.37
0.03
18.00
0.43
167.90
2.10
0.88
158.48
3.19
48.01
0.03
18.01
0.43
166.84
2.20
0.88
156.67
3.05
45.65
0.03
17.70
0.43
165.65
2.30
0.88
155.01
2.93
43.35
0.03
17.42
0.43
164.73
2.40
0.88
153.30
2.81
41.02
0.03
17.44
0.43
163.72
2.50
0.88
151.64
2.71
38.72
0.04
16.81
0.43
162.73
2.60
0.88
150.05
2.61
36.43
0.04
16.69
0.43
161.59
2.70
0.88
148.54
2.52
34.20
0.04
16.42
0.43
160.71
2.80
0.88
147.00
2.44
31.95
0.04
16.22
0.43
159.70
2.90
0.88
145.28
2.36
29.69
0.04
15.56
0.43
158.58
3.00
0.88
143.93
2.29
27.42
0.04
15.49
0.43
157.76
3.10
0.88
142.45
2.23
25.22
0.04
14.94
0.43
156.78
3.20
0.88
141.02
2.16
23.03
0.04
14.53
0.43
155.89
3.30
0.88
139.58
2.11
20.81
0.04
14.10
0.43
154.94
3.40
0.88
138.21
2.05
18.59
0.04
13.33
0.43
154.07
3.50
0.88
136.87
2.00
16.40
0.04
12.89
0.43
153.19
3.60
0.88
135.65
1.95
14.24
0.05
12.15
0.43
152.58
3.70
0.88
134.47
1.90
12.24
0.05
11.80
0.43
151.58
3.80
0.87
129.67
1.94
8.92
0.05
10.05
0.42
148.11
3.90
0.87
127.78
1.91
6.50
0.05
9.06
0.42
146.79
8
3.95
0.05
7.84
0.42
145.39
4.10
0.86
123.84
1.84
1.48
0.05
6.72
0.42
143.97
4.20
0.86
121.77
1.81
-0.89
0.06
5.60
0.42
142.63
4.30
0.86
119.75
1.79
-3.25
0.06
4.45
0.42
141.09
4.40
0.86
117.52
1.76
-5.69
0.06
3.33
0.41
139.29
4.50
0.85
115.54
1.74
-8.29
0.06
2.14
0.41
137.87
4.60
0.85
113.68
1.71
-10.69
0.06
1.05
0.41
136.50
4.70
0.85
111.67
1.69
-13.07
0.06
-0.20
0.41
135.06
4.80
0.85
109.46
1.67
-15.55
0.06
-1.36
0.41
133.46
4.90
0.85
107.26
1.65
-18.04
0.07
-2.60
0.41
131.82
5.00
0.85
105.01
1.63
-20.54
0.07
-3.94
0.41
130.21
4.00
0.87
125.78
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com