Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L296PHT Datasheet(PDF) 19 Page - STMicroelectronics

Part # L296PHT
Description  HIGH CURRENT SWITCHINGREGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L296PHT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L296PHT Datasheet HTML 14Page - STMicroelectronics L296PHT Datasheet HTML 15Page - STMicroelectronics L296PHT Datasheet HTML 16Page - STMicroelectronics L296PHT Datasheet HTML 17Page - STMicroelectronics L296PHT Datasheet HTML 18Page - STMicroelectronics L296PHT Datasheet HTML 19Page - STMicroelectronics L296PHT Datasheet HTML 20Page - STMicroelectronics L296PHT Datasheet HTML 21Page - STMicroelectronics L296PHT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Figure 43 : 5.1V/2A Power Supply using External
Limiting Current Resistor and Crow-
bar Protection on the Supply Voltage
(L296P only)
SOFT-START AND REPETITIVE POWER-ON
When the device is repetitivelypowered-on,the soft-
start capacitor, CSS, must be discharged rapidly to
ensurethat each start is ”soft”. This can be achieved
economicallyusing the reset circuit, as shownin Fig-
ure 44.
In this circuit the divider R1, R2 connectedto pin 12
determines the minimum supply voltage, below
which the open collector transistor at the pin 14 out-
put discharges CSS.
Figure 44
Figure 45
Figure 46
The approximate discharge times obtainedwith this
circuit are :
CSS (
µF)
tDIS (
µs)
2.2
4.7
10
200
300
600
If thesetimes are still too long,an externalPNPtran-
sistor may be added, as shown in Figure 45 ; with
this circuit discharge times of a few microseconds
may be obtained.
HOW TO OBTAIN BOTH RESET AND
POWER FAIL
Figure 46 illustrateshowit is possibleto obtainat the
same time both the power fail and reset functions
simply by adding one diode(D) and one resistor (R).
In this case the Reset delay time (pin 13) can only
start when the output voltage is VO
≥ VREF - 100mV
and the voltage accross R2 is higher than 4.5V.
With the hysteresis resistor it is possible to fix the in-
put pin 12 hysteresis in order to increase immunity
to the 100Hz ripple present on the supply voltage.
Moreover, the power fail and reset delay time are
automatically locked to the soft-start. Soft-start and
delayed reset are thus two sequential functions.
The hysteresis resistor should be In the range of
aboit 100k
Ω and the pull-up resistor of 1 to 2.2kΩ.
L296 - L296P
19/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com