Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP52Q Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # BSP52Q
Description  NPN Silicon Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

BSP52Q Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  BSP52Q Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. BSP52Q Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. BSP52Q Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. BSP52Q Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Package Outline (Dimensions in mm)
SOT-223
Unit
A
A1
b
b1
C
D
E
E1
e
e1
L
Θ
Θ1
Θ2
mm
1.8
1.5
0.1
MAX
0.8
0.6
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
7.3
6.7
4.6
TYP
2.3
TYP
1.1
0.7
10°
0°
7°
0°
7°
0°
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com