Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L298P Datasheet(PDF) 2 Page - STMicroelectronics

Part # L298P
Description  DUAL FULL-BRIDGE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L298P Datasheet(HTML) 2 Page - STMicroelectronics

  L298P Datasheet HTML 1Page - STMicroelectronics L298P Datasheet HTML 2Page - STMicroelectronics L298P Datasheet HTML 3Page - STMicroelectronics L298P Datasheet HTML 4Page - STMicroelectronics L298P Datasheet HTML 5Page - STMicroelectronics L298P Datasheet HTML 6Page - STMicroelectronics L298P Datasheet HTML 7Page - STMicroelectronics L298P Datasheet HTML 8Page - STMicroelectronics L298P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PIN CONNECTIONS (top view)
GND
Input 2
VSS
N.C.
Out 1
VS
Out 2
Input 1
Enable A
Sense A
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
D95IN239
Input 3
Enable B
Out 3
Input 4
Out 4
N.C.
Sense B
GND
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Uni t
VS
Power Supply
50
V
VSS
Logic Supply Voltage
7
V
VI,Ven
Input and Enable Voltage
–0.3 to 7
V
IO
Peak Output Current (each Channel)
– Non Repetitive (t = 100
µs)
–Repetitive (80% on –20% off; ton = 10ms)
–DC Operation
3
2.5
2
A
A
A
Vsens
Sensing Voltage
–1 to 2.3
V
Ptot
Total Power Dissipation (Tcase =75
°C)
25
W
Top
Junction Operating Temperature
–25 to 130
°C
Tstg,Tj
Storage and Junction Temperature
–40 to 150
°C
THERMAL DATA
Symb ol
Parameter
Po werSO20
Mu ltiwatt15
Uni t
Rth j-case
Thermal Resistance Junction-case
Max.
–
3
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
13 (*)
35
°C/W
(*) Mounted on aluminum substrate
1
2
3
4
5
6
7
9
10
11
8
ENABLE B
INPUT 3
LOGIC SUPPLY VOLTAGE VSS
GND
INPUT 2
ENABLE A
INPUT 1
SUPPLY VOLTAGE VS
OUTPUT 2
OUTPUT 1
CURRENT SENSING A
TAB CONNECTED TO PIN 8
13
14
15
12
CURRENT SENSING B
OUTPUT 4
OUTPUT 3
INPUT 4
D95IN240A
Multiwatt15
PowerSO20
L298
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com