Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBLC36CI Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HBLC36CI
Description  Bi-directional Ultra Low Capacitance TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HBLC36CI Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HBLC36CI Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HBLC36CI Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HBLC36CI Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HBLC36CI Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±30
±30
kV
PPP
Peak Pulse Power (8/20μs)
350
W
TOPT
Operating Temperature
-55/+150
C
TSTG
Storage Temperature
-55/+150
C
TL
Lead Soldering Temperature
260
C
ELECTRICAL CHARACTERISTICS (Tamb=25
C)
PART
NUMBER
DEVICE
MARKING
VRWM
VB@1mA
VC@1A
VC@Ipp
VC@Ipp
IR
CT
(V)
(V)
(V)
(V)
(V)
(µA)
(pF)
Max
Min
Max
Max
Ipp
(A)
Max
Ipp
(A)
Max
Typ.
HBLC03CI
CC
3.0
4.0
7.0
13.9
8
20.0
20
5
0.8
HBLC05CI
AC
5.0
6.0
9.8
18.3
8
20.0
18
1
0.8
HBLC08CI
BC
8.0
8.5
13.4
18.5
8
24.0
18
1
0.8
HBLC12CI
DC
12.0
13.3
19.0
24.0
6
28.6
12
1
0.8
HBLC15CI
EC
15.0
16.7
24.0
29.0
5
31.8
10
1
0.8
HBLC18CI
FC
18.0
20.0
35.0
45.0
5
53.0
7
1
0.8
HBLC20CI
GC
20.0
22.0
38.0
45.0
4
55.0
7
1
0.8
HBLC24CI
HC
24.0
26.7
43.0
45.0
3
56.0
6
1
0.8
HBLC36CI
IC
36.0
40.0
60.0
65.0
2
75.0
4.5
1
0.8
+86-769-22857832
huixin@hxkj.hk
Rev. 1.0
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com