Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6001 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF6001_1 Datasheet HTML 5Page - RF Micro Devices RF6001_1 Datasheet HTML 6Page - RF Micro Devices RF6001_1 Datasheet HTML 7Page - RF Micro Devices RF6001_1 Datasheet HTML 8Page - RF Micro Devices RF6001_1 Datasheet HTML 9Page - RF Micro Devices RF6001_1 Datasheet HTML 10Page - RF Micro Devices RF6001_1 Datasheet HTML 11Page - RF Micro Devices RF6001_1 Datasheet HTML 12Page - RF Micro Devices RF6001_1 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
9 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Pin
Function
Description
Interface Schematic
1
IIN
Non-inverting input of the I channel A/D converter, to be connected to I out
of the RF2722. Analog input.
2IBIN
Inverting input of the I channel A/D converter, to be connected to IB out of
the RF2722. Analog input.
3QBIN
Inverting input of the Q channel A/D converter, to be connected to QB out
of the RF2722. Analog input.
4QIN
Non-inverting input of the Q channel A/D converter, to be connected to Q
out of the RF2722. Analog input.
5TXST
Transmit start. A rising edge on this signal initiates the transmit sequence
(PA ramp up). A falling edge on this signal begins the transmit shut down
sequence (PA ramp down). Digital input with weak pulldown.
6GPO1
General purpose output 1. This pin can be used to control a T/R switch.
General purpose digital output (GPO).
7GPO2
General purpose output 2. This pin can be used to control a T/R switch.
General purpose digital output (GPO).
8DCAD
Digital Receiver, ADC, and DAC voltage regulator output. A decoupling
capacitor is required to ground. DC output voltage of 2.5V when the
receive circuits are enabled.
9VDDRX
Receive power supply. Supply filtering components may be required in
some applications (e.g. series resistor and shunt capacitor). Note that
series resistance to this pin will drop the supply voltage. The specified sup-
ply voltage range needs to be present on this pin during operation.
10
OSCB
Reference oscillator B input. When used with the internal reference oscilla-
tor this pin is connected to an external 26MHz crystal. If an external TCXO
is used, this pin should be floating. This pin possesses a DC voltage and
may require a DC-blocking cap in some applications. DC voltage equal to
VDD when the oscillator is off (OSCM pin low); DC voltage of approximately
1V when used with a crystal; DC voltage of approximately 2.4V when used
with a TCXO. Analog input.
11
OSCA
Reference oscillator A input. When used with the internal reference oscilla-
tor this pin is connected to an external 26MHz crystal. If an external TCXO
is used, this pin should be connected to the TCXO output through a decou-
pling capacitor. This pin possesses a DC voltage of approximately 1.25V
and may require a DC-blocking capacitor in some applications. DC voltage
equal to VDD when the oscillator is off (OSCM pin low). Analog input.
12
NC
No connect.
IIN
IBIN
QBIN
QIN
TXST
GPO1
GPO2
DCAD
VDDRX
Pin 10
OSCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com