Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5924PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5924PCBA-41X
Description  3.7V, SINGLE-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF5924PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF5924
Rev A6 DS061018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WLAN RX Path
Passband Insertion Loss
1.6
1.8
dB
In band, all other ports terminated in their
nominal impedances
Noise Figure
1.6
1.8
dB
Pass Band Ripple
0.2
dB
RX Port Nominal Impedance
100
Ω
Differential, at the ASIC port.
RX Port Return Loss
10
dB
In band, all other ports terminated in their
nominal impedances
Current Consumption
30
μA
Input 1dB Compression
30
dBm
Solely due to switch
Balanced Output Amplitude Imbal-
ance
-1
+1
dB
Balanced Output Phase
Imbalance
-10
+10
°
On 180° nominal.
Bluetooth RX Path
BT Input/Output Port Nominal
Impedance
50
Ω
At BT ASIC port, single-ended
BT Input/Output Port Return Loss
-10
dB
In band, all other ports terminated in their
nominal impedances
Supply Current Consumption
30
μA
Due to PA off-mode leakage
BT Passband Insertion Loss
1.6
dB
In band, all other ports terminated in their
nominal impedances
Pass Band Ripple
0.2
dB
Maximum Port Power Level
8
dBm
Bluetooth Class 2
Operating Parameters
Supply Voltage
3.1
3.7
4.5
VDC
Meets specifications
Control Voltage Range
0
0.2
VDC
For logic “LOW”
3.1
3.7
5.4
VDC
For logic “HIGH”
Switch Speed
100
ns
Switch Current
10
μA
Per control line
Switch P1dB
30
dB
1dB compression point
VREG Voltage
2.706
2.79
2.884
VDC
Used as PA enable line
00.2
VDC
PA off
IREG Current
15
mADC
ESD, Human Body Model,
EIA/JESD22-114-A
500
V
ESD, Man-Machine Model,
EIA/JESD22-115-A
75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com