Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5373PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5373PCBA-41X
Description  1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5373PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF5373PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF5373PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5373PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5373PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5373PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5373PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5373PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5373PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5373PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF5373
Rev A6 DS070521
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Bluetooth Class 1
Nominal conditions: VCC=3.1V, VREG=1.75V,
Freq=2.45GHz, Temp=+25°C, unless other-
wise specified.
Frequency
2.4
2.5
GHz
Output Power BT version 1.2
19
dBm
Meeting Class 1 Bluetooth version 1.2 specifi-
cation
Output Power BT version 2.0
16
Meeting Class 1 Bluetooth version 2.0 specifi-
cation
Large Signal Gain
25
28
dB
Measured at rated output power; nominal con-
ditions
Second Harmonic
-27
dBm
Fundamental frequency is between 2400MHz
to 2500MHz (RFPOUT=+16dBm), see note 2
Operating Current
65
mA
POUT=16dBm at nominal conditions
Idle Current
45
mA
At nominal conditions with no RF
IREG Current
5.5
mA
Shutdown Current
10
μA
Power Supply
VCC Supply Voltage
1.8
3.1
3.6
V
VREG Voltage
1.6
1.75
1.85
V
Note 1: The PA must operate with gated bias at 1% to 99% duty cycles without any EVM or other parameter degradation with R1=56
Ω.
Note 2: For best harmonic rejection please refer to the harmonic rejection application schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com