Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR30-USB Datasheet(PDF) 2 Page - OSRAM GmbH

Part # CPR30-USB
Description  NFC Programming Interfaces
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CPR30-USB Datasheet(HTML) 2 Page - OSRAM GmbH

  CPR30-USB Datasheet HTML 1Page - OSRAM GmbH CPR30-USB Datasheet HTML 2Page - OSRAM GmbH CPR30-USB Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Dimensions & weight
Product weight
234.00 g
Length
144.0 mm
Width
84.0 mm
Height
17.0 mm
Logistical data
Commodity code
847190000000
Environmental information
Information according Art. 33 of EU Regulation (EC) 1907/2006 (REACh)
Date of Declaration
20-06-2022
Primary Article Identifier
4055462165169
Declaration No. in SCIP database
In work
Equipment / Accessories
_ USB cable for connection to PC with Tuner4TRONIC software
Logistical Data
Product code
Product description
Packaging unit (Pieces/Unit)
Dimensions (length x width x
height)
Volume
Gross weight
4055462165169
CPR30 -USB
Shipping carton box
1
151 mm x 150 mm x 116 mm
2.63 dm³
309.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Product datasheet
__
July 11, 2023, 08:25:49
© 2023, Inventronics GmbH. All rights reserved. Inventronics is a
licensee of the OSRAM brand. OSRAM is a trademark of ams OSRAM.
CPR30 -USB
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com