Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5300PCBA-41X Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5300PCBA-41X
Description  3V, 5GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5300PCBA-41X Datasheet(HTML) 3 Page - RF Micro Devices

  RF5300PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF5300
Rev A9 DS070820
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1GND
Ground.
2RF IN
RF input. Input is matched to 50
Ω and DC block is provided internally.
3RFIN
Same as pin 2.
See pin 2.
4GND
Ground.
5VREG1&2
First and second stage input bias. This pin requires a regulated supply to
maintain nominal bias current.
6VREG3/
GND
Ground for third stage bias circuit. Attach to RF ground approximately
100mils to ground from package.
See pin 5.
7VREG3
Third stage input bias. This pin requires a regulated supply to maintain a
nominal bias current.
8VCC3
Third stage supply bias. This pin is sensitive to bypass capacitors which
should be placed approximately 100mils from package and resonate
5GHz to ground.
9GND
Ground.
10
RF OUT
RF output. Output is matched to 50
Ω and DC block is provided.
11
RF OUT
Same as pin 10.
See pin 10.
12
GND
Ground.
13
PWR DET
Provides an output voltage proportional to the RF level.
14
GND
Ground.
15
VCC2
Supply voltage for the second stage. Bypass capacitor is needed to provide
isolation from VCC1 and VCC3.
16
VCC1
Supply voltage for the first stage.
Pkg
Base
GND
Ground connection. The backside of the package should be connected to
the ground plane through a short path (i.e., vias under the device will be
required).
INPUT
MATCH
VCC1
INTERSTAGE
MATCH
BIAS
VREG1
VREG2
BIAS
GND1
BIAS
GND2
RF OUT
OUTPUT
MATCH
VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com