Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX596 Datasheet(PDF) 23 Page - Texas Instruments

Part # OPAX596
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX596 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPAX596 Datasheet HTML 19Page - Texas Instruments OPAX596 Datasheet HTML 20Page - Texas Instruments OPAX596 Datasheet HTML 21Page - Texas Instruments OPAX596 Datasheet HTML 22Page - Texas Instruments OPAX596 Datasheet HTML 23Page - Texas Instruments OPAX596 Datasheet HTML 24Page - Texas Instruments OPAX596 Datasheet HTML 25Page - Texas Instruments OPAX596 Datasheet HTML 26Page - Texas Instruments OPAX596 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
7.2.5 High-Voltage Instrumentation Amplifier
Differential measurements are common in a wide variety of applications. When high input impedance is
needed in a differential measurement, an instrumentation amplifier can be employed. The challenge is that
readily available, monolithic instrumentation amplifiers offer a limited input common-mode voltage range. Figure
7-6 shows a discrete instrumentation amplifier featuring the OPAx596. The circuit is valuable when a high
impedance, differential measurement is required in the presence of very high common-mode.
+
–
+
–
1k
499k
1k
499k
V
REF
V
IN
V
IN+
+60V
25V
+60V
25V
10m
Load
50V
OPA596
OPA596
1A
Figure 7-6. High-Voltage Instrumentation Amplifier
7.2.6 Composite Amplifier
The OPAx596 offers low input offset voltage and input offset drift. In some applications, however, even higher
precision is required. Figure 7-7 shows how to greatly improve the dc precision of the OPAx596. The OPA186
is a 24V, zero-drift op amps offered at a competitive cost and can be paired with the OPAx596 in a composite
amplifier configuration to create a high precision amplifier with high voltage output capability.
The first amplifier, OPA186, corrects the offset of the second amplifier, OPAx596. The gain of the composite
amplifier is set by RF and RG, such that the gain is equal to RF / RG + 1. In this application, the overall gain
of the circuit is 100V/V. Adding gain to the OPAx596 through R1 and R2 improves the overall bandwidth of
the composite amplifier by reducing the gain burden on the OPA186. Increasing the gain too much on the
second amplifier, however, reduces the closed loop bandwidth and can negatively affect phase margin. Special
considerations for stability are warranted when building composite amplifiers.
+
–
OPA186
12V
12V
100
+
–
OPA596
42.5V
99k
14k
1k
42.5V
1k
PDAC
100
V
OUT
AVDD
AVSS
1nF
Figure 7-7. High-Precision, High-Voltage Output Composite Amplifier
www.ti.com
OPA596, OPA2596
SBOSA42B – JUNE 2024 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com