Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5187PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5187PCBA-41X
Description  LOW POWER LINEAR AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5187PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF5187PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF5187PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5187PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5187PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5187PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5187PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5187PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5187PCBA-41X Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RF5187
Rev A7 DS060630
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
2140MHz Operation
Constant Bias Circuit
1
2
3
4
8
7
6
5
BIAS
CIRCUIT
PACKAGE BASE
C1
2.4 pF
J1
RF IN
P1
1
2
3
CON3
P1-1
VCC
P1-3
VPC
GND
C2
3 pF
50
Ω μstrip
VPC
C6
1000 pF
VCC
C7
1000 pF
C8
1 uF
L1
4.7 nH
C5
33 pF
C3
1.5 pF
C3
3.3 pF
50
Ω μstrip
J2
RF OUT
VCC = 5 V
f = 2140 MHz
POUT = 13 dBm
R1 R3
5.0 V
Q1
R2
Q2
To VCC pins through LPF
R4
To VPC pin through LPF
Bias Point
mA
R1
Ω
R2
Ω
R3
Ω
R4
Ω
100
120
1200
3.6
820
120
120
1200
3.0
820
150
120
1200
2.5
820
180
120
1200
2.0
820
200
120
1200
1.8
820
220
120
1200
1.7
820
240
120
1200
1.6
820



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com