Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5146 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5146 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5146 Datasheet HTML 3Page - RF Micro Devices RF5146 Datasheet HTML 4Page - RF Micro Devices RF5146 Datasheet HTML 5Page - RF Micro Devices RF5146 Datasheet HTML 6Page - RF Micro Devices RF5146 Datasheet HTML 7Page - RF Micro Devices RF5146 Datasheet HTML 8Page - RF Micro Devices RF5146 Datasheet HTML 9Page - RF Micro Devices RF5146 Datasheet HTML 10Page - RF Micro Devices RF5146 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7 of 18
RF5146
Rev A1 DS050928
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1NC
Internal circuit node. Do not externally connect.
2VCC2 GSM
Controlled voltage input to the GSM driver stage. This voltage is part of the
power control function for the module. This node must be connected to
VCC OUT. This pin should be externally decoupled.
3NC
Internal circuit node. Do not externally connect.
4GND
Internally connected to the package base.
5GND
Internally connected to the package base.
6
GSM850/
GSM900 OUT
RF output for the GSM bands. This is a 50
Ω output. The output matching
circuit and DC-block are internal to the package.
7GND
Internally connected to the package base.
8NC
Internal circuit node. Do not externally connect.
9NC
Internal circuit node. Do not externally connect.
10
NC
Internal circuit node. Do not externally connect.
11
NC
Internal circuit node. Do not externally connect.
12
NC
Internal circuit node. Do not externally connect.
13
NC
No internal or external connection.
14
NC
Internal circuit node. Do not externally connect.
15
NC
Internal circuit node. Do not externally connect.
16
NC
Internal circuit node. Do not externally connect.
17
NC
Internal circuit node. Do not externally connect.
18
VCC3 GSM
Controlled voltage input to the GSM output stage. This voltage is part of the
power control function for the module. This node must be connected to
VCC OUT. This pin should be externally decoupled.
19
VCC OUT
Controlled voltage output to feed VCC2 and VCC3. This voltage is part of
the power control function for the module. It cannot be connected to any
pins other than VCC2 and VCC3.
20
VCC OUT
Controlled voltage output to feed VCC2 and VCC3. This voltage is part of
the power control function for the module. It cannot be connected to any
pins other than VCC2 and VCC3.
21
VCC3
DCS/PCS
Controlled voltage input to the DCS/PCS output stage. This voltage is part
of the power control function for the module. This node must be connected
to VCC OUT. This pin should be externally decoupled.
See pin 18.
22
NC
Internal circuit node. Do not externally connect.
23
NC
Internal circuit node. Do not externally connect.
24
NC
No internal or external connection.
25
NC
Internal circuit node. Do not externally connect.
26
NC
Internal circuit node. Do not externally connect.
27
NC
Internal circuit node. Do not externally connect.
28
NC
Internal circuit node. Do not externally connect.
29
NC
Internal circuit node. Do not externally connect.
30
GND
Internally connected to the package base.
V CC2
VCC3
RF OUT
Output
Match
V CC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com