Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000SX Datasheet(PDF) 19 Page - STMicroelectronics

Part # L3000SX
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000SX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L3000SX Datasheet HTML 15Page - STMicroelectronics L3000SX Datasheet HTML 16Page - STMicroelectronics L3000SX Datasheet HTML 17Page - STMicroelectronics L3000SX Datasheet HTML 18Page - STMicroelectronics L3000SX Datasheet HTML 19Page - STMicroelectronics L3000SX Datasheet HTML 20Page - STMicroelectronics L3000SX Datasheet HTML 21Page - STMicroelectronics L3000SX Datasheet HTML 22Page - STMicroelectronics L3000SX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AC OPERATION (continued)
Grl
Receiving Gain Linearity
fr = 1020Hz, Vriref = – 10dBm
Vri = + 4 /– 40dBm
– 0.1
+ 0.1
dB
Np4W
Psophometric Noise at 4W-Tx
Terminals
– 75
– 70
dBmp
Np2W
Psophometric Noise at Line Terminals
– 75
– 70
dBmp
SVRR
Supply Voltage Rejection Ratio
Relative to VB–
f = 3400Hz
– 30
dB
SVRR
Relative to VDD
f = 3400Hz
Vs = 100mVrms
– 30
– 26
dB
SVRR
Relative to VSS
– 32
– 30
dB
Ltc
Longitudinal to Transversal Conversion
f = 300 to 3400Hz
Iline = 30mA, ZML = 600
Ω
49 (1)
60
dB
Tlc
Transversal to Longitudinal Conversion
48
51
dB
Td
Propagation Time
Both Direction
40
µs
Tdd
Propag. Time Distortion
25
µs
Vttx
Line Voltage of Teletaxe Signal
VTTXin = 950mVrms
Note 2
Note 3
1.7
4.5
2.3
5.5
V
V
THD
Teletaxe Signal Harmonic
Dist. ttx Filt = 0
Ω @ 16kHz
Note 4
5%
Zitt
Teletaxe Amplif. Input Impedance
Pin 33 of L3030
100
k
Ω
AC OPERATION BOOST BATTERY
Gs
Sending Gain
Vso = 0dBm f = 1020Hz
Norm. Polarity
– 0.66 – 0.16 + 0.34
dB
Gr
Receiving Gain
Vri = 0dBm f = 1020Hz
Norm. Polarity
– 0.27 + 0.08 + 0.43
dB
Np4W
Psophometric Noise at 4W-Tx
Terminals
– 73
– 68
dBmp
Np2W
Psophometric Noise at line Terminals
– 73
– 68
dB
SVRR
Relative to Vdd
f = 3400Hz
Vs = 100mVrms
–23
dB
SVRR
Relative to Vss
–23
dB
RINGING PHASE
Vlr
Superimposed DC Voltage
Rloop > 100k
Ω
Rloop = 1k
Ω
19
17
23
21
27
25
V
V
Vacr
Ringing Signal at Line Termin.
Rloop = 1k
Ω/1µF
56
Vrms
If
DC Off-hook Det. Threshold
1.5
3.5
mA
Ilim
Current Limit.
85
130
mA
Vrs
Ringing Simmetry
2
Vrms
THDr
Ringing Signal Distortion
VAC = 0.285VRMS
fRING = 30Hz
5%
No tes : 1. Up to 52dB using selected L3000S.
2. The configurat io n of data sent t o devi ce change, every 100mS, from - 1100X010 - to - 1000X010 -
3. The configurat io n of data sent t o devi ce change, every 100mS, from - 1101X010 - to - 1001X010 -
4. Error generated by t tx fil t
≠ 0 ohm, on the output teletax amplitude is err% = 100 x (1 + A) x B/C where A = 10
Kohm/R GTT X[ Kohm], B = TT XF ILT[Kohm], C = ( TTXF ILT[Kohm] + 1 Kohm), for example 10 ohm means err% = 2 %.
L3000S - L3030
19/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com