Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1 Datasheet(PDF) 4 Page - Weller Tools

Part # HT1
Description  Soldering Tips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

HT1 Datasheet(HTML) 4 Page - Weller Tools

  HT1 Datasheet HTML 1Page - Weller Tools HT1 Datasheet HTML 2Page - Weller Tools HT1 Datasheet HTML 3Page - Weller Tools HT1 Datasheet HTML 4Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tip set bent 45°
0,5 mm
0,5 mm
WTA 1S
5 44 145 99
Tip set bent 45°
1,0 mm
0,5 mm
WTA 1
5 44 141 99
Tip set bent 45°
3,0 mm
0,5 mm
WTA 2
5 44 146 99
Tip set bent 45°
6,0 mm
0,5 mm
WTA 3
5 44 147 99
Tip set
12,5 mm
0,5 mm
WTA 4
5 44 143 99
Tip set
18,5 mm
0,5 mm
WTA 5
5 44 144 99
Tip set vertical use
1,0 mm
0,5 mm
WTA 11
5 44152 99
Tip set vertical use
3,0 mm
0,5 mm
WTA 12
5 44 153 99
Soldering Tips
For WT 50 and WTA 50 tweezer
22
WSP 150
WTA 50
Description
Width A
Thickness B
Type
Order No.
For soldering iron WSP 150
Chisel
3,2 mm
1,2 mm
LHT C
5 44 455 99
4,7 mm
1,8 mm
LHT D
5 44 452 99
6,7 mm
1,8 mm
LHT E
5 44 451 99
9,3 mm
1,8 mm
LHT F
5 44 450 99
Chisel bent
5 mm
2 mm
LHT DX
5 44 462 99
7 mm
2 mm
LHT EX
5 44 461 99
10 mm
2 mm
LHT FX
5 44 460 99
Sloped 45°
LHT D45
5 44 456 00
for solar panel
production
LHT Measuring tip
-
-
-
5 44 453 99
for thermo element
ø
0,5 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com