Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAP024D Datasheet(PDF) 2 Page - Macromatic Industrial Controls, Inc.

Part # VAP024D
Description  SOCKETS & ACCESSORIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACROMATIC [Macromatic Industrial Controls, Inc.]
Direct Link  https://macromatic.com/
Logo MACROMATIC - Macromatic Industrial Controls, Inc.

VAP024D Datasheet(HTML) 2 Page - Macromatic Industrial Controls, Inc.

  VAP024D Datasheet HTML 1Page - Macromatic Industrial Controls, Inc. VAP024D Datasheet HTML 2Page - Macromatic Industrial Controls, Inc. VAP024D Datasheet HTML 3Page - Macromatic Industrial Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
81
Hold Down Spring
Catalog Number 70166
Panel Mount Assembly
For Panel Mounting Standard Plug-in Products
Catalog Number 70400
SOCKETS & ACCESSORIES
3/14
(Relay Not Included with Assembly--
Shown for Reference Only)
This assembly provides a simple & economi-
cal method to mount plug-in products to the
deadfront of an enclosure/panel:
u
Sturdy Aluminum Construction
u
Stainless Steel Studs
u
All Mounting Hardware Included
u
White Textured Painted Finish
u
2 3/16” W x 3 7/16” H
Panel Cutout
Can be used for:
u
Panel-Mounted Sockets
u
Sockets Mounted to 35mm DIN Track *
*
Requires two machine screws with washers & nuts--
contact Macromatic or www.macromatic.com/70166
for more information.
Index By Catalog Number
70166
81
70169-D
80
70170-D
80
70400
81
70500
81
ARP012A2
32
ARP012A2R
32
ARP012A3
34
ARP012A3R
34
ARP012A5
34
ARP012A5R
34
ARP012A6
32
ARP012A6R
32
ARP024A2
32
ARP024A2R
32
ARP024A3
34
ARP024A3R
34
ARP024A5
34
ARP024A5R
34
ARP024A6
32
ARP024A6R
32
ARP120A2
32
ARP120A2R
32
ARP120A3
34
ARP120A3R
34
ARP120A5
34
ARP120A5R
34
ARP120A6
32
ARP120A6R
32
ARP240A2
32
ARP240A2R
32
ARP240A3
34
ARP240A3R
34
ARP240A5
34
ARP240A5R
34
ARP240A6
32
ARP240A6R
32
ATP024A1
36
ATP024A1R
36
ATP024A7R
36
ATP120A1
36
ATP120A1R
36
ATP120A7R
36
CAH05Ayyy
16
CAH20Ayyy
16
CAH50Ayyy
16
CMKP01A22
18
CMKP01A28
18
CMKP01A62
18
CMKP01A68
18
CMKP05A22
18
CMKP05A28
18
CMKP05A62
18
CMKP05A68
18
CMKP10A22
18
CMKP10A28
18
CMKP10A62
18
CMKP10A68
18
CMP01A22
18
CMP01A28
18
CMP01A62
18
CMP01A68
18
CMP05A22
18
CMP05A28
18
CMP05A62
18
CMP05A68
18
CMP10A22
18
CMP10A28
18
CMP10A62
18
CMP10A68
18
COH05Ayyy
16
COH20Ayyy
16
COH50Ayyy
16
COKP01A22
19
COKP01A28
19
COKP01A62
19
COP10A62
19
COP10A68
19
CUH05Ayyy ***
16
CUH20Ayyy ***
16
CUH50Ayyy ***
16
CUP01A22
20
CUP01A28
20
CUP01A62
20
CUP01A68
20
CUP05A22
20
CUP05A28
20
CUP05A62
20
CUP05A68
20
CUP10A22
20
CUP10A28
20
CUP10A62
20
CUP10A68
20
COKP01A68
19
COKP05A22
19
COKP05A28
19
COKP05A62
19
COKP05A68
19
COKP10A22
19
COKP10A28
19
COKP10A62
19
COKP10A68
19
COP01A22
19
COP01A28
19
COP01A62
19
COP01A68
19
COP05A22
19
COP05A28
19
COP05A62
19
COP05A68
19
COP10A22
19
COP10A28
19
Product *
Page
Product *
Page
Product *
Page
Product *
Page
Product *
Page
Product *
Page
*
The “-xx” suffix denotes the time range for time delay relays with adjustable time delay.
Contact Macromatic for any product not listed.
***
The “-yyy” suffix denotes the input voltage, trip delay & sensing delay for CxH Series encapsulated current sensing relays.
Continued on
Page 82
DIN Rail Adaptor Kit
Catalog Number 70500
Quick & Economical Way to Install Any THx Series 2” x
2” Encapsulated Time Delay Relays on 35mm DIN Track
u
Clip Comes with a Threaded Hole to Eliminate Need
for a Washer & Nut
u
All Mounting Hardware Included
Produc
t Pendi
ng Obs
olesce
nce-
Contac
t Macro
matic f
or Avai
lability



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com