Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAP048D Datasheet(PDF) 1 Page - Macromatic Industrial Controls, Inc.

Part # VAP048D
Description  SOCKETS & ACCESSORIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACROMATIC [Macromatic Industrial Controls, Inc.]
Direct Link  https://macromatic.com/
Logo MACROMATIC - Macromatic Industrial Controls, Inc.

VAP048D Datasheet(HTML) 1 Page - Macromatic Industrial Controls, Inc.

  VAP048D Datasheet HTML 1Page - Macromatic Industrial Controls, Inc. VAP048D Datasheet HTML 2Page - Macromatic Industrial Controls, Inc. VAP048D Datasheet HTML 3Page - Macromatic Industrial Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
80
SOCKETS & ACCESSORIES
*
Plug-in Three-Phase Monitor Relays require a 600V-rated socket when used on system voltages greater than 300V.
8 Pin Octal Socket--
Catalog Number 70169-D
Surface or DIN Rail-Mounted
10A @ 600V *
1 or 2 #12-22 AWG Wire
Recommended Tightening Torque
of 6-7 in-lbs. (12 in-lbs maximum)
Pressure Wire Clamp Terminations
11 Pin Octal Socket--
Catalog Number 70170-D
Surface or DIN Rail-Mounted
10A @ 300V
1 or 2 #12-22 AWG Wire
Recommended Tightening Torque
of 6-7 in-lbs. (12 in-lbs maximum)
Pressure Wire Clamp Terminations
8 Pin Octal Socket--
Catalog Number SR6P-M08G
Back-Mounted
10A @ 300V
Pressure Wire Clamp Terminations
11 Pin Octal Socket--
Catalog Number SR6P-M11G
Back-Mounted
10A @ 300V
Pressure Wire Clamp Terminations
12 Pin Socket--
Catalog Number SD12-PC
Surface-Mounted
10A @ 600V
#12-20 AWG Wire
Pressure Wire Clamp Terminations
3/14
NOTE: if a 12 Pin Socket is required for DIN-
rail mounting, please contact Macromatic.
.182[4.62]
File #E169693 File #LR701114
File #E169693 File #LR701114
File #E62437
File #E62437
File #E60008
File #LR29513


Similar Part No. - VAP048D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
VAP053 AAC-VAP053 Datasheet
132Kb / 1P
SMD Voltage Variable Attenuator and Phase Shifter
VAP053A-0881-G AAC-VAP053A-0881-G Datasheet
132Kb / 1P
SMD Voltage Variable Attenuator and Phase Shifter
VAP053B-2100-G AAC-VAP053B-2100-G Datasheet
132Kb / 1P
SMD Voltage Variable Attenuator and Phase Shifter
More results

Similar Description - VAP048D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RTD14012 SIEMENS-RTD14012 Datasheet
193Kb / 8P
Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
PLCC SOCKETS
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
logo
Grayhill, Inc
22-16-2 GRAYHILL-22-16-2 Datasheet
36Kb / 1P
Sockets
logo
Visual Communications C...
CM21-16 VCC-CM21-16 Datasheet
76Kb / 1P
Lamp Sockets and Accessories
logo
Hongfa Technology
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
RELAY SOCKETS
logo
TE Connectivity Ltd
27E043 TEC-27E043 Datasheet
695Kb / 3P
Sockets & Accessories, KUP Relays
10-2012, Rev. 1012
logo
Relpol S.A.
GZT80 RELPOL-GZT80 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
Littelfuse
OT08PC LITTELFUSE-OT08PC Datasheet
210Kb / 1P
SOCKETS
2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com