Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L387 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L387
Description  VERY LOW DROP 5V REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L387 Datasheet(HTML) 3 Page - STMicroelectronics

  L387 Datasheet HTML 1Page - STMicroelectronics L387 Datasheet HTML 2Page - STMicroelectronics L387 Datasheet HTML 3Page - STMicroelectronics L387 Datasheet HTML 4Page - STMicroelectronics L387 Datasheet HTML 5Page - STMicroelectronics L387 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (refer to the test circuit, Vi = 14.4 V, Tj =25
°C, Co = 100 µF;
unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 5 mA to 500 mA Tj =25
°C
–40
≤ Tj ≤ 125 °C
4.80
4.75
5.00
5.00
5.20
5.25
V
V
VI
Operating Input Voltage
(*), Over Full T Range (– 40 to 125
°C)
(see note **)
26
V
∆Vo
Line Regulation
Vi =6 V to 26 V
Io =5 mA
5
50
mV
∆Vo
Load Regulation
Io = 5 mA to 500 mA
15
60
mV
VI –Vo
Dropout Voltage
VO =V O NOM – 100 mV
Io = 350 mA
Io = 500 mA
0.40
0.60
0.65
0.8
V
V
Iq
Quiescent Current
Io =0 mA
Io = 150 mA
Io = 350 mA
Io = 500 mA
5
20
60
100
15
35
100
160
mA
mA
mA
mA
Vi = 6.2 V
Io = 500 mA
160
180
mA
∆ Vo
∆ T
Temperature Output
Voltage Drift
– 0.5
mV/
°C
SVR
Supply Voltage Rejection
Io = 350 mA
f = 120 Hz
Co = 100
µFVi =12 V ± 5Vpp
60
ISC
Output Short Circuit
Current
1.2
1.6
A
VR
Reset Output Voltage
IR = 3 mA
1 < Vo < 4.70 V
IR = 16 mA
1.5 < Vo < 4.75 V
Over Full T (– 40
°C ≤ Tj ≤ 125 °C)
0.5
0.8
V
V
IR
Reset Output Leakage
Current
Vo in Regulation VR =5V
Over Full T Range
50
µA
td
Delay Time for Reset
Output
Cd = 100 nF
Over Full T Range
25
ms
VRT (off)
Vo @ Reset out H to L Transition, Over
Full T Range
4.75
Vo
– 0.15
V
IC4
Charging Current
(current generator)
V4 = 3 V
102030
µA
VRT (on)
Power on
VoThreshold
Vo @ Reset out L to H Transition , Over
Full T Range
VRT (off)
+0.05 V
Vo
–0.04 V
V
V4
Comparator Threshold
(pin 4)
V4 @ Reset out H to L Transition
3.2
3.9
V
V4 @ Reset out L to H Transition
3.7
4.3
V
VH
Hysteresis Voltage
Over Full T Range
450
mV
(*)
For a DC voltage 26 < Vi < 37 V the device is not operating.
(**) Design limits are guaranteed (but not 100 % production tested) over the indicated temperature and supply voltage ranges.
These limits are not used to calculate outgoing quality levels.
L387A
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com