Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP722 Datasheet(PDF) 1 Page - Pro-Signal

Part # STP722
Description  Loudspeaker Connection Plates
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

STP722 Datasheet(HTML) 1 Page - Pro-Signal

  STP722 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Loudspeaker Connection Plates
Wall plates loaded with push type
terminals for loudspeaker connec-
tions. The connectors are colour cod-
ed, and the plates fit standard 1 gang
mains back boxes. Termination is via
solder tags.
246552
Price Each
Description
Order Code
2x Push Teminals
425-8289
4 x Push Terminals
425-8290


Similar Part No. - STP722

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP70L60 DOINGTER-STP70L60 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP70N06FI VBSEMI-STP70N06FI Datasheet
2Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STP70N10F4 STMICROELECTRONICS-STP70N10F4 Datasheet
974Kb / 18P
N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
09-Oct-2009
logo
VBsemi Electronics Co.,...
STP70N10F4 VBSEMI-STP70N10F4 Datasheet
2Mb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP70N10F4 ISC-STP70N10F4 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP722

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
CONEC Elektronische Bau...
160X01879A CONEC-160X01879A Datasheet
59Kb / 1P
COVER PLATES
logo
STMicroelectronics
AN3340 STMICROELECTRONICS-AN3340 Datasheet
3Mb / 24P
Loudspeaker characterization and compensation
11-Feb-2011
logo
Fair-Rite Products Corp...
2644246201 FAIR-RITE-2644246201 Datasheet
596Kb / 2P
Connector EMI Suppression Plates
2644236401 FAIR-RITE-2644236401 Datasheet
597Kb / 2P
Connector EMI Suppression Plates
2644236101 FAIR-RITE-2644236101 Datasheet
598Kb / 2P
Connector EMI Suppression Plates
2644373841 FAIR-RITE-2644373841 Datasheet
597Kb / 2P
Connector EMI Suppression Plates
2644247001 FAIR-RITE-2644247001 Datasheet
595Kb / 2P
Connector EMI Suppression Plates
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com