Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

635 Datasheet(PDF) 1 Page - Hengstler GmbH

Part # 635
Description  Totalizing Counters „mini-i“
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

635 Datasheet(HTML) 1 Page - Hengstler GmbH

  635 Datasheet HTML 1Page - Hengstler GmbH 635 Datasheet HTML 2Page - Hengstler GmbH 635 Datasheet HTML 3Page - Hengstler GmbH 635 Datasheet HTML 4Page - Hengstler GmbH 635 Datasheet HTML 5Page - Hengstler GmbH 635 Datasheet HTML 6Page - Hengstler GmbH 635 Datasheet HTML 7Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
99
Komponenten 2000
ENCODERS
COUNTERS
CONTROLLERS INDICA T O RS RELA YS PRINTERS
CUTTERS
s Miniature size
s Low power consumption
s Electrical connections in standard grid
s Suitable for PCB mounting
s Machine-solderable and washable versions available
s Protection class IP 65
TYPE VERSIONS
Totalizing Counters „mini-i“
Type 634:
Counter with high immunity against magnetic interference.
Type 635:
Counter with high shock stability.
Display
6-digit
Digit height
4 mm, visual
Supply voltage Vop
according to order information, tolerance +– 10 %
Power consumption
Type 634: approx. 50 mW … 440 mW according Version
Type 635: 5…12 VDC 80 mW
24 VDC 160 mW
Operating temperature
– 10 … + 50 °C
Storage temperature
– 40 … + 85 °C
El. connection
Versions .1 and .3 with solder pins, .7 and .8
with wiring posts
‡ 0.6 mm
Mounting
Versions .1 and .3 on PCB's, .7 with wiring posts,
.8 with locating spring
Mounting position
horizontal
Protection class (EN 60529) Type .1 and .3
IP 65 Housing, IP 00 Connections
Type .7 and .8
IP 66 Front, IP 00 Connections
Type 8
IP 40 Front in Frontpanel
Vibrostability
Type 634: 20 m/s2 (10...500 Hz) acc. to IEC 068-2-6
Type 635: 30 m/s2 (10...500 Hz) acc. to IEC 068-2-6
Shock stability
Type 634: 2000 m/s2 acc. to IEC 068-2-27
Type 634: 3500 m/s2 acc. to IEC 068-2-27
General design
according EN 61010-1
Contamination Level
2
Protection
according to class II
Overvoltage category
II
Susceptibility to magnetic
Type 634
interference
at 100 kA/m (PTB) no effect
Maintenance-free operation 10 million pulses
Duty cycle at 25 °C
100 %
Weight
approx. 10 g
Pulse length min.
50 ms
Counting frequency max.
10 Hz
Reset
none
TECHNICAL DATA
634
635
Type 634/635


Similar Part No. - 635

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
LVPECL or LVDS CLOCK OSCILLATOR
logo
Oscilent Corporation
635 OSCILENT-635 Datasheet
141Kb / 2P
Low Frequencies
logo
List of Unclassifed Man...
635 ETC2-635 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Adafruit Industries
635 ADAFRUIT-635 Datasheet
571Kb / 2P
Electroluminescent (EL) Tape/Strip Starter Pack - 100cm - White
7/27/2015
logo
Keystone Electronics Co...
635 KEYSTONE-635 Datasheet
397Kb / 1P
9 VOLT BATTERY CONTACTS
31-07 20th
More results

Similar Description - 635

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
logo
Microsemi Corporation
TSC371 MICROSEMI-TSC371 Datasheet
789Kb / 3P
Counters
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
Presettable Counters
June, 2001 ??Rev. 9
logo
Keysight Technologies
53131A KEYSIGHT-53131A Datasheet
2Mb / 19P
Counters
53132A KEYSIGHT-53132A Datasheet
2Mb / 19P
Counters
53181A KEYSIGHT-53181A Datasheet
2Mb / 19P
Counters
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
Presettable Counters
May, 2013 ??Rev. 13
logo
PHOENIX CONTACT
2864406 PHOENIX-2864406 Datasheet
99Kb / 5P
Signal conditioner - MINI MCR-SL-I-I
2901998 PHOENIX-2901998 Datasheet
91Kb / 5P
Signal conditioner - MINI MCR-2-I-I
logo
B&K Precision Corporati...
1823A BK-1823A Datasheet
950Kb / 1P
Frequency Counters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com