Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3932 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3932
Description  GaN WIDE-BAND POWER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3932 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3932 Datasheet HTML 1Page - RF Micro Devices RF3932 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF IN
VGQ
Pin 1 (CUT)
RF OUT
VDQ
Pin 2
GND
BASE
RF3932
GaN WIDE-BAND POWER AMPLIFIER
The RF3932 is designed for commercial infrastructure, cellular and
WiMAX infrastructure and general purpose broadband amplifier applica-
tions. Using an advanced high power density Gallium Nitride (GaN) semi-
conductor process, these high-performance amplifiers achieve high
efficiency and flat gain over a broad frequency range in a single amplifier
design. The RF3932 is an unmatched GaN transistor packaged in a
flanged ceramic package which provides excellent thermal stability
through the use of advanced heat sink and power dissipation technolo-
gies. Ease of integration is accomplished through the incorporation of sim-
ple, optimized matching networks external to the package that provide
wideband gain and power performance in a single amplifier.
Features
Peak Power=60W
Gain=14dB
Advanced GaN HEMT Tech-
nology
48V Operation
Optimized Evaluation Board
Layout for 50
Ω Operation
Applications
Commercial Wireless Infra-
structure
Cellular and WiMAX Infra-
structure
General Purpose Broadband
Amplifiers
Public Mobile Radios
Industrial, Scientific and Med-
ical
RF3932
GaN Wide-Band Power Amplifier
Prelim DSB070829
Proposed
RoHS Compliant & Pb-Free Product
Package Style: Flanged Ceramic


Similar Part No. - RF3932

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3932 RFMD-RF3932 Datasheet
1Mb / 14P
60W GaN WIDEBAND POWER AMPLIFIER
RF3932D RFMD-RF3932D Datasheet
831Kb / 9P
60W GaN on SiC Power Amplifier Die
RF3932PCK-411 RFMD-RF3932PCK-411 Datasheet
1Mb / 14P
60W GaN WIDEBAND POWER AMPLIFIER
RF3932S2 RFMD-RF3932S2 Datasheet
1Mb / 14P
60W GaN WIDEBAND POWER AMPLIFIER
RF3932SB RFMD-RF3932SB Datasheet
1Mb / 14P
60W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - RF3932

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933_12 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
25W GaN Wide-Band Power Amplifier
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
25W GaN Wide-Band Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
60W GaN Wide-Band Pulsed Power Amplifier
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
10W GaN Wide-Band Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
35W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
65W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com