Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSD8D36V Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSD8D36V
Description  Unidirectional TVS Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSD8D36V Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSD8D36V Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD8D36V Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD8D36V Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD8D36V Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Contact)
ESD per IEC 61000-4-2 (Air)
±30
±30
kV
PPP
Peak Pulse Power (8/20μs)
350
W
TOPT
Operating Temperature
-55/+150
C
TSTG
Storage Temperature
-55/+150
C
TL
Lead Soldering Temperature
260 (10 sec.)
C
ELECTRICAL CHARACTERISTICS (Tamb=25
C)
PART
NUMBER
DEVICE
MARKING
VRWM
VB
IT
VC@1A
VC
IR
CT
(V)
(V)
(mA)
(V)
(V)
(µA)
(pF)
(max.)
(min.)
(max.)
(max.) (@A) (max.) (max.)
HSD8D3V3
03W
3.3
4
1
6.5
14
20
5
450
HSD8D5V0
05W
5
6
1
9.8
18
17
2
300
HSD8D8V0
08W
8
8.5
1
10.5
24
15
1
240
HSD8D12V
12W
12
13.3
1
19
32
11
1
130
HSD8D15V
15W
15
16.7
1
24
38
10
1
120
HSD8D18V
18W
18
20.0
1
29
45
9
1
100
HSD8D24V
24W
24
26.7
1
43
52
7
1
80
HSD8D36V
36W
36
40
1
60
75
5
1
60
2
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com