Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0.635.708 Datasheet(PDF) 3 Page - Hengstler GmbH

Part # 0.635.708
Description  Totalizing Counters „mini-i“
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

0.635.708 Datasheet(HTML) 3 Page - Hengstler GmbH

  0.635.708 Datasheet HTML 1Page - Hengstler GmbH 0.635.708 Datasheet HTML 2Page - Hengstler GmbH 0.635.708 Datasheet HTML 3Page - Hengstler GmbH 0.635.708 Datasheet HTML 4Page - Hengstler GmbH 0.635.708 Datasheet HTML 5Page - Hengstler GmbH 0.635.708 Datasheet HTML 6Page - Hengstler GmbH 0.635.708 Datasheet HTML 7Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
101
Components 2000
ENCODERS
COUNTERS
CONTROLLERS INDICA T O RS RELA YS PRINTERS
CUTTERS
Technical data
634.1
634.3
634.7
634.8
Voltage
Ω
Ordering code
Ordering code Ordering code
Ordering code
5 VDC
335
0 634 132
0 634 332
0 634 712
0 634 812
12 VDC
335 + RV
330
Ω1
0 634 128
0 634 328
0 634 708
0 634 808
24 VDC
335 + RV
1K
Ω1
0 634 130
0 634 330
0 634 710
0 634 810
ORDER INFORMATION
Type 634
635.1
635.3
635.7
635.8
Voltage
Ω
Ordering code
Ordering code Ordering code
Ordering code
5 VDC
320
0 635 132
0 635 332
0 635 712*
0 635 812
12 VDC
1860
0 635 128
0 635 328*
0 635 708
0 635 808
24 VDC
3720
0 635 130
0 635 330
0 635 710
0 635 810
Connection leads 150 mm
red
1 634 008
1 634 008
black
1 634 007
1 634 007
* on request
Inquire for optional mounting position and further voltages
1 RV internal
Type 634
Type 634/635



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com