Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC532 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High Speed 2:1 Analog Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC532_01 Datasheet HTML 5Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 6Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 7Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 8Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 9Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 10Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 11Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 12Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Information
Operation
The CLC532 is a 2:1 analog multiplexer with high impedance
buffered inputs, and a low distortion, output stage. The
CLC532 employs a closed-loop design, which dramatically
improves distortion performance. The channel SELECT con-
trol
Figure 1 determines which of the two inputs (IN
A or INB)
is present at the OUTPUT. Beyond the basic multiplexer
function, the CLC532 offers compatibility with either TTL or
ECL logic families, as well as adjustable bandwidth.
Digital Interface and Channel SELECT
The CLC532 functions with ECL, TTL and CMOS logic fami-
lies, D
REF controls logic compatibility. In normal operation,
D
REF is left floating, and the channel SELECT responds to
ECL level signals,
Figure 2. For TTL or CMOS level SELECT
inputs (
Figure 3), D
REF should be tied to +5V (the CLC532
incorporates an internal 2300
Ω series isolation resistor for
the D
REF input). For TTL or CMOS operation, the channel
SELECT requires a resistor input network to prevent satura-
tion of the channel select circuitry. Without this input net-
work, channel SELECT logic levels above 3V will cause
internal junction saturation and slow switching speeds.
Compensation
The CLC532 incorporates compensation nodes that allow
both its bandwidth and its settling time/slew rate to be ad-
justed. Bandwidth and settling time/slew adjustments are
linked, meaning that lowering the bandwidth also lowers
slew rate and lengthens settling time. Proper compensation
is necessary to optimize system performance. Time domain
applications should generally be optimized for lowest RMS
noise at the CLC532 output, while maintaining settling time
and slew rate at adequate levels to meet system needs.
Frequency Domain applications should generally be opti-
mized for maximally flat frequency response.
System Timing Diagram
A
SELECT
B
SWT90
SWT10
90%
10%
TSx
TRx
TRx
SETTLING ERROR
WINDOW
CHANNEL A = +1V
CHANNEL B = - 1V
OS
... where TSx i s TS14 or TSP or TSS,
and TRx i s TRS ro TSL.
OUTPUT
DS012716-34
System Transient Timing Diagram
A
SELECT
B
ST
2ns
~
~
OUTPUT
Channel A = 0V
Channel B = 0V
DS012716-35
RL
RIN
RIN
5
INB
8
10
6
9
INA
4
3
2
1
7
13
14
VOUT
12
CHANNEL A
CHANNEL B
CHANNEL
SELECT
DGND
-5. 2V
0.1
µF
CCOMP
2
CCOMP
1
+5V
CLC532
DREF
11
0.1
µF
+6.8
µF
+6.8
µF
DS012716-36
FIGURE 1. Standard CLC532 Circuit Configuration
DS012716-37
FIGURE 2. ECL Level Channel SELECT Configuration
DS012716-38
FIGURE 3. TTL/CMOS Level Channel SELECT
Configuration
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com