Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1202A2 Datasheet(PDF) 1 Page - APEM

Part # 1202A2
Description  Momentary pushbutton switches • round plunger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

1202A2 Datasheet(HTML) 1 Page - APEM

  1202A2 Datasheet HTML 1Page - APEM 1202A2 Datasheet HTML 2Page - APEM 1202A2 Datasheet HTML 3Page - APEM 1202A2 Datasheet HTML 4Page - APEM 1202A2 Datasheet HTML 5Page - APEM 1202A2 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• Case : polyamide
• Plunger : polyamide
• Bushing : brass, nickel plated
• Contacts :
A : silver
C : copper, silver plated
APEM products may be recycled at end-of-life for the re-claiming of valuable metal components.
MATERIALS
• Torque : 1.50 Nm (1.10 Ft.lb) max. applied to nut
• Panel thickness : 5 mm (.196) max.
• Total travel :
NO : 4.5 mm (.177) ± 0.3 (.011)
NC : 3.5 mm (.137) ± 0.3 (.011)
• Operating temperature : -20 °C to +55 °C (-4 °F to +131 °F)
GENERAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
- silver contacts (A) : 4 A 250 VAC - 8 A 125 VAC - 4 A 24 VDC - 8 A 12 VDC
- silver plated copper contacts (C) :
2 A 250 VAC - 3 A 125 VAC - 2 A 24 VDC - 3 A 12 VDC
• Initial contact resistance : 10 mΩ
• Insulation resistance : 1,000 MΩ min. at 500 VDC
• Dielectric strength :
2,000 Vrms 50 Hz min. between terminals
3,000 Vrms 50 Hz min. between terminals and frame
• Electrical life : 10,000 cycles at full load
ELECTRICAL SPECIFICATIONS
Butt action contacts
Double break
NF (EN 61058-1), UL and CSA approved
DISTINCTIVE FEATURES
1200 series
Momentary pushbutton switches •
round plunger
The company reserves the right to change specifications without notice.
1
SW-1200-1808


Similar Part No. - 1202A2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1202A2 ETC2-1202A2 Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
logo
CIT Relay & Switch
1202A2BGEA CIT-1202A2BGEA Datasheet
241Kb / 4P
CIT SWITCH
1202A2BGEB CIT-1202A2BGEB Datasheet
241Kb / 4P
CIT SWITCH
1202A2BQEA CIT-1202A2BQEA Datasheet
241Kb / 4P
CIT SWITCH
1202A2BQEB CIT-1202A2BQEB Datasheet
241Kb / 4P
CIT SWITCH
More results

Similar Description - 1202A2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
1400N ETC-1400N Datasheet
147Kb / 3P
Momentary pushbutton switches - snap-in mounting - square plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
Momentary pushbutton switches - round plunger
1202A2 ETC2-1202A2 Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
U411A ETC2-U411A Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com