Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1222C2 Datasheet(PDF) 4 Page - APEM

Part # 1222C2
Description  Momentary pushbutton switches • round plunger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

1222C2 Datasheet(HTML) 4 Page - APEM

  1222C2 Datasheet HTML 1Page - APEM 1222C2 Datasheet HTML 2Page - APEM 1222C2 Datasheet HTML 3Page - APEM 1222C2 Datasheet HTML 4Page - APEM 1222C2 Datasheet HTML 5Page - APEM 1222C2 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
14.00
(.551)
17.00
(.519)
(.669)
13.20
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
(.315DIA)
Ø8.00
SCREW TERMINALS
NORMALIZED QUICK-CONNECT TERMINALS
STRAIGHT SCREW TERMINALS + CLAMP
(.669)
17.00
(.472DIAx0.75 IS)
ø12.00x0.75 SI
6.35x0.80
(.519)
(.25x0.031)
(.551)
14.00
13.20
ø8.00
(.315DIA)
(.059DIA)
ø1.50
(.472DIAx0.75 IS)
Ø12.00x0.75 SI
(.551)
14.00
(.315DIA)
Ø8.00
(.519)
(.669)
13.20
17.00
(.25x.031)
6.35x0.80
Plunger height : NO model : 7.50 mm, NC model : 5.80 mm
Plunger height : NO model : 7.50 mm, NC model : 5.80 mm
Plunger height : NO model : 7.50 mm, NC model : 5.80 mm
Plunger height : NO model : 7.50 mm, NC model : 5.80 mm
SOLDER LUG/QUICK-CONNECT TERMINALS
(.25x0.031)
13.20
(.551)
(.669)
(.472DIAx0.75 IS)
14.00
6.35x0.80
(.519)
17.00
Ø12.00x0.75 SI
Ø8.00
(.315DIA)
Momentary pushbutton switches •
round plunger
1200 series
KEYWAY
KEYWAY
KEYWAY
KEYWAY
Normally Closed
Normally Open
1212
1213
Normally Closed
Normally Open
1222
1223
Normally Closed
Normally Open
1232
1233
Normally Closed
Normally Open
1202
1203
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com