Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1202A1 Datasheet(PDF) 2 Page - APEM

Part # 1202A1
Description  Momentary pushbutton switches • round plunger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

1202A1 Datasheet(HTML) 2 Page - APEM

  1202A1 Datasheet HTML 1Page - APEM 1202A1 Datasheet HTML 2Page - APEM 1202A1 Datasheet HTML 3Page - APEM 1202A1 Datasheet HTML 4Page - APEM 1202A1 Datasheet HTML 5Page - APEM 1202A1 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOUNTING
• Panel cut-out : Ø 12.2 (.480)
2 A 250 VAC or 4 A 250 VAC,
T55/125 °C
All models
4 A 250 VAC - 8 A 125 VAC
All models function 3 (NO)
EN 61058-1
Models 1233X209 and 1233X209L are standard
marked NF. To order switches marked NF, UL or CSA,
complete appropriate box of ordering format.
AGENCY APPROVALS
Momentary pushbutton switches •
round plunger
1200 series
TERMINALS
ELECTRICAL FUNCTIONS
KEYWAY
NO (function 3)
NC (function 2)
6.35x0.80
(.25x.031)
(.122DIA)
Ø3.10
6.35x0.80
(.25x.031)
(.059DIA)
Ø.50
(.25)
6.35
0.80
Ø3.00x0.50
(.118DIAx0.50)
(.031)
(.031)
(.118DIAx0.50)
Ø3.00x0.50
0.80
6.35
(.25)
Solderlug / quick-connect.
Normalized quick-connect
Screw
Screw + clamp
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com