Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3388PCBA-410 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3388PCBA-410
Description  3.7V, DUAL-BAND FRONT-END MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3388PCBA-410 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3388PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF3388PCBA-410 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
24
23
22
21
20
18
17
16
15
13
12
7
8
3
19
BLUETOOTH
RX2.4+
RX2.4-
RX5.0+
RX5.0-
ANT2.4
ANT5.0
PA EN 2.4
TX2.4
TX5.0
PA EN 5.0
RF3388
3.7V, DUAL-BAND FRONT-END MODULE
The RF3388 is a single-chip dual-band integrated front-end module (FEM) for high-
performance WLAN applications in the 2.5GHz and 5GHz ISM bands. The RF3388
addresses the need for aggressive size reduction for a typical 802.11a/b/g RF
front-end design and greatly reduces the number of components outside of the
core chipset thus minimizing the footprint and assembly cost of the overall
802.11a/b/g solution. The RF3388 contains integrated PA’s for 2.5GHz and 5GHz,
TX/RX switch for each band, LNA for the 5.0GHz receive band, baluns for both low
and high receive bands, some bypass capacitors, built-in power detector for both
bands, and some filtering for transmit and receive paths. The RF3388 is packaged
in a 24-pin, 4mmx4mm QFN package with backside ground. The RF3388 greatly
minimizes next level board space and allows for simplified integration.
Features
Single-Module Radio Front-
End
Single Supply Voltage 3.15V
to 4.5V
Integrated 2.5GHz & 5GHZ
PA’s, RX Baluns, Filters &
Switches for TX & RX, and
High Band LNA
POUT=16dBm, 11g,
OFDM<3.3% EVM
POUT=16dBm, 11a,
OFDM<3.3% EVM
Applications
IEEE802.11a/b/g WLAN
Applications
Single-Chip RF Front-End
Module
2.5GHz and 5GHz ISM Bands
Applications
Wireless LAN Systems
Portable Battery-Powered
Equipment
RF3388
3.7V, Dual-Band Front-End Module
RF3388PCBA-410
Fully Assembled Evaluation Board
Prelim DS071101
Proposed
Package Style: QFN, 24-Pin, 4mmx4mm


Similar Part No. - RF3388PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF3300-3 RFMD-RF3300-3 Datasheet
74Kb / 6P
3V 1900MHz LINEAR AMPLIFIER MODULE
RF3300-3PCBA RFMD-RF3300-3PCBA Datasheet
74Kb / 6P
3V 1900MHz LINEAR AMPLIFIER MODULE
RF3315 RFMD-RF3315 Datasheet
228Kb / 12P
ROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
More results

Similar Description - RF3388PCBA-410

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
Dual-band RF front-end
1999 Mar 02
SA3601 PHILIPS-SA3601 Datasheet
90Kb / 14P
Low voltage dual-band RF front-end
1999 Nov 09
logo
RF Micro Devices
RF5924 RFMD-RF5924 Datasheet
34Kb / 2P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5924 RFMD-RF5924_1 Datasheet
243Kb / 14P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY68000-11 SKYWORKS-SKY68000-11 Datasheet
164Kb / 2P
LTE Dual-Band Front-End Module for IoT
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
SKY68000-31 SKYWORKS-SKY68000-31 Datasheet
144Kb / 2P
LTE Dual-Band Front-End Module for IoT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com