Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP110 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP110
Description  Single and triple output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP110 Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP110 Datasheet HTML 1Page - Artesyn Technologies NLP110 Datasheet HTML 2Page - Artesyn Technologies NLP110 Datasheet HTML 3Page - Artesyn Technologies NLP110 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.04.05.08
NLP110 Series
2 of 4
Embedded Power for
Business-Critical Continuity
Thermal performance
Operating ambient,
0 °C to +50 °C
(See derating curve)
Non-operating
-40 °C to +85 °C
50 °C to 70 °C ambient,
Derate to
convection cooled
50% load
0 °C to 50 °C, ambient,
80 W
convection cooled
0 °C to 50 °C ambient,
110 W
150 LFM forced air
Peak (0 °C to +50 °C, 60 s) (See Note 3)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max
Non-operating
30,000 feet max
Vibration (see Note 5)
5-500 Hz
2.4 G rms peak
Shock
per MIL-STD-810E
516.4 Part IV
Environmental Specifications
General Specifications
Hold-up time
120 Vac, 60 Hz
16.7 ms @ 110 W
Efficiency
120 Vac, 80 W (-9605J)
75% min.
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Approvals and
standards pending
EN60950, VDE0805, IEC950,
UL1950, CSA C22.2 No. 950
Weight
283 g (10 oz)
MTBF demonstrated
MIL-HDBK-217F
220,000 hours min
EMC Charateristics (12)
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
Harmonic current
emission correction
EN61000-3-2
Compliant
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
Surge
EN61000-4-5
Level 3
Fast transients
EN61000-4-4
Level 3
Radiated immunity
EN61000-4-3
Level 3
Conducted immunity
EN61000-4-6
Level 3
All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
DERATING CURVE
Output Power (Watts)
0C
10C 20C 30C 40C 50C 60C 70C
40W
80W
110W
150 LFM FORCED
AIR COOLING
55W
NATURAL
CONVECTION
COOLING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com