Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM Datasheet(PDF) 2 Page - AUER Signal GmbH

Part # ACM
Description  Multi-tone alarm sounder with LED light indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

ACM Datasheet(HTML) 2 Page - AUER Signal GmbH

  ACM Datasheet HTML 1Page - AUER Signal GmbH ACM Datasheet HTML 2Page - AUER Signal GmbH ACM Datasheet HTML 3Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
285
ACM
A-Series
Lens colour
Nominal voltage
Voltage range (V)
Nominal current (A)
Order number
orange
24 V AC/DC
+/- 10 %
0,340
875 671 405
110-120 V AC
+/- 10 %
0,103
875 671 310
230-240 V AC
+/- 10 %
0,103
875 671 313
red
24 V AC/DC
+/- 10 %
0,340
875 672 405
110-120 V AC
+/- 10 %
0,103
875 672 310
230-240 V AC
+/- 10 %
0,103
875 672 313
yellow
24 V AC/DC
+/- 10 %
0,340
875 677 405
110-120 V AC
+/- 10 %
0,103
875 677 310
230-240 V AC
+/- 10 %
0,103
875 677 313
Orde r dAtA
AMK
AB2
AG2
AKV
Type
Type of accessory
Weight
Order number
AMK
Mounting set for combining several pieces of signalling equipment of the same size
10 g
874 010 900
AB2
Mounting set for metal bracket for mounting in any direction (e.g. on mounting platforms)
874 032 900
AG2
Flat seal for installation on smooth surfaces
874 022 900
AKV
Cable gland M20x1,5
698 800 026
ACCessOries
E lEctron i c so u n d E r – b Eacon com b i nati on
Electronic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com