Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3330PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3330PCBA-41X
Description  IF GAIN CONTROLLED AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF3330PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3330PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3330PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3330PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3330PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3330PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3330PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3330PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3330PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF3330
Rev A4 DS060908
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin Out
Application Schematic
0.127
3°MAX
0°MIN
0.55
0.35
0.365
1.59
1.61
3.00
2.60
3.00
2.80
0.650
0.15
0.05
1.44
1.04
*When Pin 1 is in upper
left, text reads downward
(as shown).
4
VOUTB
3
VOUT
2
GND
1
VCC
8VCC
7VIN
6VINB
5
VAGC
Note orientation of board.
4
3
2
1
8
7
6
5
Biasing &
AGC
Control
VCC
100 pF
3.3
μF
+
VOUT
VOUTB
VIN
VAGC
VINB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com