Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E200-R22-C1GR Datasheet(PDF) 1 Page - E-SWITCH

Part # E200-R22-C1GR
Description  E200 Series Pushbutton Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

E200-R22-C1GR Datasheet(HTML) 1 Page - E-SWITCH

  E200-R22-C1GR Datasheet HTML 1Page - E-SWITCH E200-R22-C1GR Datasheet HTML 2Page - E-SWITCH E200-R22-C1GR Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
1
Specifications subject to change without notice 4.25.2024
E200
Series
R = Red
Actuator
Color
Actuator
Options
R11 = Illuminated
R22 = Non-Illuminated
Housing
Options
0 = No Lamp
F = Neon 110V AC
G = Neon 220V AC
H = LED 6V DC
J = LED 12V DC
K = LED 24V DC
K1 = LED 12 to 24 V AC/DC
P = LED 120V AC
A = Incandescent 6V AC/DC 200mA
B = Incandescent 14V AC/DC 80 mA
C = Incandescent 28V AC/DC 40mA
D = Incandescent 48V AC/DC 25mA
E = Incandescent 60V AC/DC 20mA
M = Incandescent 6V AC/DC 40mA
N = Incandescent 14V AC/DC 40mA
L = Incandescent 33V AC/DC 35mA
Illumination
Options
A1 = Illuminated
1NO/1NC+1NO/1NC
B1 = Illuminated 1NO/NC
C1 =Non-Illuminated
1NO/1NC+1NO/1NC
D1 = Non-Illuminated
1NO/1NC
RoHS
Commercial Appliances
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
Specifications
Features & Benefits
Applications / Markets
Part Number Configurator
E200 Series Pushbutton Switch
Contact Arrangement: 1NO/1NC+1NO/1NC, 1NO/1NC,
2NO, 1NO
Contact Rating: 200mA @ 250VDC
5A @ 250VAC [VDE](Pending)
6A @24 VDC
8A @ 125VAC
Agency Approvals: ANSI/UL508, VDE (Pending)
Contact Resistance: 50mΩ Max. (Initial)
Insulation Resistance: 100 MΩ Min. @ 500VDC
Dielectric Strength: 1,500VAC
Electrical Life: 50,000 Cycles MIN
Mechanical Life: 100,000 Cycles MIN
Operating Temperature: -25°C to 55°C (with lamp)
-25°C to 70°C (without lamp)
Storage Temperature: -40°C to 85°C
Actuation Force: 2.0 kgf
Panel Thickness: 5.0mm MAX.
Moisture Protection: IP65
• Easy operation
• High actuation force
• Multiple illumination options
• Pushlock turn design to reset
• 16mm cutout size
• IP65 rated
Medical Equipment
Specifications


Similar Part No. - E200-R22-C1GR

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
List of Unclassifed Man...
E200 ETC2-E200 Datasheet
313Kb / 5P
Industrial Control Transformers
logo
Eaton All Rights Reserv...
E200 EATON-E200 Datasheet
1Mb / 8P
Eaton’s Moulded Accessory Range (EMA)
logo
Intel Corporation
E2000 INTEL-E2000 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
List of Unclassifed Man...
E200001 ETC2-E200001 Datasheet
96Kb / 3P
Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
More results

Similar Description - E200-R22-C1GR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437572-2 MACOM-2-1437572-2 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
2-1437572-6 MACOM-2-1437572-6 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
logo
List of Unclassifed Man...
HE5B-M2PB ETC2-HE5B-M2PB Datasheet
417Kb / 4P
HE5B Series Pushbutton Enabling Switch
logo
E-SWITCH
LB22 E-SWITCH-LB22 Datasheet
1,022Kb / 6P
LB22 Series Pushbutton Switch
PB300 E-SWITCH-PB300 Datasheet
1Mb / 3P
Series Pushbutton Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com