Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90255 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90255
Description  Linear Optical Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90255 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90255 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90255 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90255 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90255 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90255 Datasheet HTML 5Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MLX90255
Linear Optical Array
MLX90255 Linear Optical Array
Page 2 of 5
Rev 1.0 31-May-01
MLX90255 Pin Description
Pin Number
Symbol
Description
SMD8
GLP5
1
1
SI
Serial Input. SI defines the end of the integration time and the start of the data out
sequence
2
2
CLK
Clock. The clock controls the charge transfer, pixel output and reset (together with SI)
3
3
A0
Analog output
4
4
VDD
Supply Voltage, for both analog and digital circuits
5, 6, 7, 8
5
GND
Ground. All GND pins are referenced to the substrate.
Schematics
Functional Description
The demo board mainly consists of the following
blocks:
•
5V regulator with a power-on indication LED
•
general purpose microcontroller with reset
circuitry and crystal oscillator
•
2 rotary DIL switches for changing settings
•
a LED which lights up if the chosen settings
are out of the device specification
•
1 on-board MLX90255 sensor (B) and a 5-
pins connector for an external device (A)
•
test terminals for all important signals
The different blocks can easily be found in the
schematic diagram.
The main purpose of the demonstration board is
to provide a specified clock frequency and an
5V
5V
5V
5V
5V
5V
XTAL1
INT2
RESETB
INT4
XTAL2
INT3
INT1
FREQ1
FREQ2
FREQ3
FREQ4
CLK
SI
LED
CLK
SI
VOUTB
POWER
LED
SI
CLK
VOUTB
CLK
VOUTA
SI
VOUTA
U1
AT90S2313
1
3
4
5
2
6
7
8
9
10
20
19
18
17
15
14
13
12
11
16
RESET
PD1(TxD)
XTAL2
XTAL1
PD0(RxD)
PD2(INT0)
PD3(INT1)
PD4(T0)
PD5(T1)
GND
Vcc
PB7[SCK)
PB6[MISO)
PB5(MOSI)
PB3(OC1)
PB2
PB1[AIN1)
PB0[AIN0)
PD6(ICP)
PB4
C1
100n
R1
10k
Y1
10MHz
C3
22p
C2
22p
SW2
SW Int
2
5
1
6
3
4
SW1
SW Freq
2
5
1
6
3
4
R5
330
D2
LED
R3
330
JP2
CONN PWR 2-H
1
2
JP1
90255 External
1
2
3
4
5
D4
1N4001
1
2
C4
220n
TP4
TEST POINT
1
TP3
TEST POINT
1
TP2
TEST POINT
1
R2
680
U3
90255 SMD
1
2
3
4
5
SI
CLK
VOUT
VDD
VSS
D3
LED
R4
1k
TP1
5V Supply
1
TP6
TEST POINT
1
TP5
GND
1
C5
100n
U2 C78L05/TO92
3
1
IN
OUT
C8
100n
+ C7
10uF/16V
+
C6
22uF/16V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com