Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3FS Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS3FS
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS3FS Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RS3FS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS3FS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
50
25
100
125
150
75
Single Phase
Half W ave 60Hz
Resistive or
Inductve Laod
1
2
3
4
5
trr
-1.0A
-0.25A
0
+0.5A
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300
µS
1.8
2.0
1
10
0
50
5
50
100
150
200
250
Document Number 0261066
BLGALAXY ELECTRICAL
www.galaxycn.com
2.
FIG.4-- PEAKFORWARDSURGECURRENT
FIG.4-- PEAKJUNCTIONCAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
RS3FS
SETTIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
RATINGSANDCHARACTERISTICCURVES
INSTANTANEOUS FORWARDCURRENT, VOLTS
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSERECOVERYTIMECHARACTERISTICANDTEST CIRCUIT DIAGRAM
FIG.2 -- FORWARDDERATING CURVE
FIG.3 -- TYPICAL FORWARDCHARACTERISTIC
NUMBER OF CYCLES AT60Hz
REVERSE VOLTAGE,VOLTS
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
1
0
2
0
40
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com