Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N000D00001-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # N000D00001-R
Description  Coaxial connector, threaded coupling (5/8-24UNEF), 3GHz, Dust cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

N000D00001-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  N000D00001-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. N000D00001-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N000D00001-R
Features
Coaxial connector, threaded coupling (5/8-24UNEF), 3GHz, Dust cap
Part Number
N000D00001-R
Status
Active
Number of Positions
-
Connector Type
Dust cap
Connector Style
  
Plug/ Jack
  
Characteristic Impedance
(ohm)
  
Frequency Range (GHz)
  
V.S.W.R.
  
Applicable Cable Type
(Equivalent)
  
Mounting Method
  
Locking Feature
Threaded
RoHS compliant
REACH compliant
Remarks
Metal type
Product Details


Similar Part No. - N000D00001-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
N000D103Z00 JAE-N000D103Z00 Datasheet
54Kb / 2P
Coaxial connector, threaded coupling (5/8-24UNEF), 3GHz, Dust cap
More results

Similar Description - N000D00001-R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
Circular Connector Threaded Coupling ??Plastic
logo
Glenair, Inc.
881-001P GLENAIR-881-001P Datasheet
427Kb / 2P
Threaded Coupling
881-002R GLENAIR-881-002R Datasheet
405Kb / 2P
Threaded Coupling
881-003R GLENAIR-881-003R Datasheet
450Kb / 2P
Threaded Coupling
881-004R GLENAIR-881-004R Datasheet
452Kb / 2P
Threaded Coupling
881-018P GLENAIR-881-018P Datasheet
421Kb / 2P
Threaded Coupling
881-019R GLENAIR-881-019R Datasheet
420Kb / 2P
Threaded Coupling
881-020R GLENAIR-881-020R Datasheet
460Kb / 2P
Threaded Coupling
881-029R GLENAIR-881-029R Datasheet
407Kb / 2P
Threaded Coupling
logo
Japan Aviation Electron...
TNC JAE-TNC Datasheet
378Kb / 10P
THREADED COUPLING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com