Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTK-63V151MIEBQ-R5 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HTK-63V151MIEBQ-R5
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HTK] for Automotive Powertrain and Safety
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HTK-63V151MIEBQ-R5 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HTK-63V151MIEBQ-R5 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HTK-63V151MIEBQ-R5 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Data at any time without notice.
Before making final selection, please check product specification.
https://www.yuden.co.jp/en/
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HTK] for Automotive Powertrain and Safety
RAHTK151M4EGL5005B (Previous PN: HTK-63V151MIEBQ-R5)
Features
Item Summary
150uF±20%, 63V, φ12.5x13.5mm, SMD
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
Embossed taping 200 pcs
Products characteristics table
Operating Temp. Range
-55 to +125 ℃
Rated Voltage
63 V
Rated Capacitance
150 uF
Tolerance at rated capacitance
± 20 %
Leakage current (max)
95 uA at 2 min
Tangent of loss angle (tanδ) (max)
0.08
ESR (max)
22 mΩ at 100kHz / 20 ℃
Rated Ripple (max)
2500 mArms at 100kHz / 125 ℃
Impedance ratio___[-25℃/+20℃]
1.5
Impedance ratio___[-55℃/+20℃]
2
Endurance (Applied ripple current)
6000 hours at 125 ℃
___[Test time]
Endurance___[Leakage current]
The initial specified value or less
Endurance___[Capacitance change]
Within ±30% of initial value
Endurance___[tanδchange]
200% or less of the initial specified value
Endurance___[ESR change]
200% or less of the initial specified value
Shelf life___Test time
1000 hours at 125℃
; Other items are same as the endurance. How
ever, the performance shall be after voltage app
lication treatment (JIS C5101-4).
RoHS Compliance (10 subst.)
Yes
REACH Compliance (251 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension φD
φ12.5 ±0.5 mm
Dimension L
13.5 ±0.5 mm
Dimension A
13 ±0.2 mm
Dimension B
13 ±0.2 mm
Dimension (C)
4.9 mm
Dimension (P)
4.6 mm
Dimension W
1 to 1.4 mm
Dimension M
0.7 ±0.3 mm
2025.12.29
1 / 1


Similar Part No. - HTK-63V151MIEBQ-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HTK-63V151MIEB-R5 TAIYO-YUDEN-HTK-63V151MIEB-R5 Datasheet
288Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HTK] for General Electronic Equipment
HTK-63V151MIEBN-R5 TAIYO-YUDEN-HTK-63V151MIEBN-R5 Datasheet
288Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HTK] for Automotive Body & Chassis and Infotainment
More results

Similar Description - HTK-63V151MIEBQ-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RAHTK100M4EDC8002B TAIYO-YUDEN-RAHTK100M4EDC8002B Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHTK101M4EFK5002BX TAIYO-YUDEN-RAHTK101M4EFK5002BX Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHTK151M1GEH0002B TAIYO-YUDEN-RAHTK151M1GEH0002B Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHTK330M4EEH0002B TAIYO-YUDEN-RAHTK330M4EEH0002B Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHTK560M4EFH0002BX TAIYO-YUDEN-RAHTK560M4EFH0002BX Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHTK101M1LDC8002E TAIYO-YUDEN-RAHTK101M1LDC8002E Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHTK221M1JDC8002E TAIYO-YUDEN-RAHTK221M1JDC8002E Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHTK331M1LEH0002E TAIYO-YUDEN-RAHTK331M1LEH0002E Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHTK471M1LFH0002EX TAIYO-YUDEN-RAHTK471M1LFH0002EX Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHTK820M1EDC8002E TAIYO-YUDEN-RAHTK820M1EDC8002E Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com