Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP029708 Datasheet(PDF) 1 Page - Glamox

Part # ALP029708
Description  ALP-P230 BL 700 DALI 830C5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ALP029708 Datasheet(HTML) 1 Page - Glamox

  ALP029708 Datasheet HTML 1Page - Glamox ALP029708 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/29/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
ALP-P230 BL 700 DALI 830
C5
Item No.
ALP029708
GTIN
7040670297082
Stock status code
M
Technical specifications
Mounting
Product Mounting
Pendant;Track
General
Product shape
Special;Round
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Leakage Current (mA)
0.01
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
6.37
Number Of Luminaire MCB 10B
82
Number Of Luminaire MCB 16B
130
Number Of Luminaire MCB 16C
195
Optic
Optic Name
OP - Opal diffuser in acrylic
Optic main category
Diffuser
Certificates
Certification
ENEC
Technical Data
Maximum TA (ºC)
35
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
586
Number Of Light Source
1
Lumen Per Watt (lm/W)
92
Lamp colour temp (K)
3000
Colour Rendering Index
>80
MacAdam step
3
Energy Class Light Source
D
Driver / Ballast
Type of LED Driver
DALI: Dimming
DALI-2 part 251, 252, 253
true
Number of Driver
1
Lifetime
LED Lifetime L90B50 Ta25 (h)
100 000
Housing
Body Colour
BL - Black
Main Body Colour Name
Black
Dimensions
Height (mm)
176
Diameter (mm)
227
Item Net Weight (kg)
1.84
Termination
Termination
5x2x2.5mm2 Push In
Logistic Data
Item Gross Weight (kg)
2


Similar Part No. - ALP029708

ManufacturerPart #DatasheetDescription
logo
Glamox
ALP029709 GLAMOX-ALP029709 Datasheet
192Kb / 2P
ALP-P370 WH 1000 DALI830 C5
More results

Similar Description - ALP029708

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DAP-04 MEANWELL-DAP-04 Datasheet
117Kb / 7P
DALI-PWM Signal Converter
KDA-64 MEANWELL-KDA-64 Datasheet
614Kb / 1P
KNX to DALI Gateway
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
BL FPM
logo
LinkCom Manufacturing C...
DAL035N241PON0-00G LINKCOM-DAL035N241PON0-00G Datasheet
225Kb / 3P
DALI System Master
logo
WAGO Kontakttechnik Gmb...
753-647 WAGO-753-647 Datasheet
539Kb / 13P
DALI Multi-Master
750-641 WAGO-750-641 Datasheet
494Kb / 11P
DALI/DSI Master
logo
Weidmuller
2552090000 WEIDMULLER-2552090000 Datasheet
225Kb / 5P
A2C 35 BL
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
DALI Controller/DALI Gateway
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
logo
Lapp.
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com