Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP030144 Datasheet(PDF) 1 Page - Glamox

Part # ALP030144
Description  ALP-P230 PLEASANTGREEN 700 DALI 830C2/TRACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ALP030144 Datasheet(HTML) 1 Page - Glamox

  ALP030144 Datasheet HTML 1Page - Glamox ALP030144 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/29/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
ALP-P230 PLEASANT
GREEN 700 DALI 830
C2/TRACK
Item No.
ALP030144
GTIN
7040670301444
Stock status code
M
Technical specifications
Mounting
Product Mounting
Pendant;Track
General
Product shape
Special;Round
Optic
Optic Name
OP - Opal diffuser in acrylic
Optic main category
Diffuser
Light Technical Data
Light source
LED
Lumen Out (lm)
586
Lumen Per Watt (lm/W)
92
Lamp colour temp (K)
3000
Colour Rendering Index
>80
MacAdam step
3
Driver / Ballast
DALI-2 part 251, 252, 253
true
Dimensions
Item Net Weight (kg)
1.84
Logistic Data
Item Gross Weight (kg)
2


Similar Part No. - ALP030144

ManufacturerPart #DatasheetDescription
logo
Glamox
ALP030145 GLAMOX-ALP030145 Datasheet
160Kb / 2P
ALP-P230 SILK TEAL 700DALI 830 C2/TRACK
More results

Similar Description - ALP030144

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3298 STMICROELECTRONICS-AN3298 Datasheet
397Kb / 27P
STM8S DALI slave library
18-Mar-2011
logo
Mean Well Enterprises C...
DAP-04 MEANWELL-DAP-04 Datasheet
117Kb / 7P
DALI-PWM Signal Converter
KDA-64 MEANWELL-KDA-64 Datasheet
614Kb / 1P
KNX to DALI Gateway
DLP-04 MEANWELL-DLP-04 Datasheet
168Kb / 7P
DALI Bus Power Supply
logo
LinkCom Manufacturing C...
DAL015N301NNN0-00G LINKCOM-DAL015N301NNN0-00G Datasheet
214Kb / 3P
DALI Dry Contact Interface
DAL035N241PON0-00G LINKCOM-DAL035N241PON0-00G Datasheet
225Kb / 3P
DALI System Master
logo
WAGO Kontakttechnik Gmb...
753-647 WAGO-753-647 Datasheet
539Kb / 13P
DALI Multi-Master
750-641 WAGO-750-641 Datasheet
494Kb / 11P
DALI/DSI Master
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
DALI Controller/DALI Gateway
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com