Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP030145 Datasheet(PDF) 1 Page - Glamox

Part # ALP030145
Description  ALP-P230 SILK TEAL 700DALI 830 C2/TRACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ALP030145 Datasheet(HTML) 1 Page - Glamox

  ALP030145 Datasheet HTML 1Page - Glamox ALP030145 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/29/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
ALP-P230 SILK TEAL 700
DALI 830 C2/TRACK
Item No.
ALP030145
GTIN
7040670301451
Stock status code
M
Technical specifications
Mounting
Product Mounting
Pendant;Track
General
Product shape
Special;Round
Optic
Optic Name
OP - Opal diffuser in acrylic
Optic main category
Diffuser
Light Technical Data
Light source
LED
Lumen Out (lm)
672
Lumen Per Watt (lm/W)
105
Lamp colour temp (K)
3000
Colour Rendering Index
>80
MacAdam step
3
Driver / Ballast
DALI-2 part 251, 252, 253
true
Dimensions
Item Net Weight (kg)
1.84
Logistic Data
Item Gross Weight (kg)
2


Similar Part No. - ALP030145

ManufacturerPart #DatasheetDescription
logo
Glamox
ALP030144 GLAMOX-ALP030144 Datasheet
161Kb / 2P
ALP-P230 PLEASANTGREEN 700 DALI 830C2/TRACK
More results

Similar Description - ALP030145

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPP24-830 TRIAD-VPP24-830 Datasheet
46Kb / 1P
VPP24-830
logo
TAI-SAW TECHNOLOGY CO.,...
TA0907A TAI-SAW-TA0907A Datasheet
457Kb / 7P
SAW Filter 830 MHz
logo
PUI audio inc.
AS06606SR-R PUIAUDIO-AS06606SR-R Datasheet
361Kb / 4P
Silk dome diaphragm
logo
Adels-Contact
326002 ADELS-326002 Datasheet
120Kb / 1P
GSK 830 V/ 2
326003 ADELS-326003 Datasheet
120Kb / 1P
GSK 830 V/ 3
326005 ADELS-326005 Datasheet
111Kb / 1P
GSK 830 V/ 5
326006 ADELS-326006 Datasheet
111Kb / 1P
GSK 830 V/ 6
326402 ADELS-326402 Datasheet
119Kb / 1P
GSK 830 H/ 2
326404 ADELS-326404 Datasheet
121Kb / 1P
GSK 830 H/ 4
326406 ADELS-326406 Datasheet
111Kb / 1P
GSK 830 H/ 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com