Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4915 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4915
Description  ADJUSTABLE VOLTAGE REGULATOR PLUS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4915 Datasheet(HTML) 2 Page - STMicroelectronics

  L4915 Datasheet HTML 1Page - STMicroelectronics L4915 Datasheet HTML 2Page - STMicroelectronics L4915 Datasheet HTML 3Page - STMicroelectronics L4915 Datasheet HTML 4Page - STMicroelectronics L4915 Datasheet HTML 5Page - STMicroelectronics L4915 Datasheet HTML 6Page - STMicroelectronics L4915 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
Peak Input Voltage (300 ms)
40
V
Vi
DC Input Voltage
28
V
IO
Output Current
Internally Limited
Ptot
Power Dissipation
Internally Limited
Tstg
Storage and Junction Temperature
– 40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
80
°C/W
Rth j-pins
Thermal Resistance Junction-pins
Max.
20
°C/W
ELECTRICAL CHARACTERISTICS
(Tamb =25
oC; Vi = 13.5 V, VO = 8.5V, circuit of Fig. 1, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vi
Input Voltage
20
V
Vo
Output Voltage
Vi = 6 to 18V, Io = 5 to 150mA
4
11
V
∆VI/O
Controlled Input-output Dropout Voltage
Io = 5 to 150mA, Vi = 6 to 10V
1.6
2.1
V
∆VO
Line Regulation
Vi = 12 to 18V, Io = 10mA
1
20
mV
∆Vo
Load Regulation
Io = 5 to 250mA,
ton =30
µs, toff = ≥ 1ms
50
100
mV
∆Vo
Load Regulation (filter mode)
Vi = 8.5V, Io = 5 to 150mA
ton =30
µs, toff =≥ 1ms
150
250
mV
Vref
Internal Voltage Reference
2.5
V
Iq
Quiescent Current
Io =5 mA
1
2
mA
∆Iq
Quiescent Current Change
Vi = 6 to 18V, Io = 5 to 150mA
0.05
mA
IAD
Adjust Input Current
40
nA
L4915
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com