Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8197B Datasheet(PDF) 21 Page - Analog Devices

Part # AD8197B
Description  4:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8197B Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8197B Datasheet HTML 17Page - Analog Devices AD8197B Datasheet HTML 18Page - Analog Devices AD8197B Datasheet HTML 19Page - Analog Devices AD8197B Datasheet HTML 20Page - Analog Devices AD8197B Datasheet HTML 21Page - Analog Devices AD8197B Datasheet HTML 22Page - Analog Devices AD8197B Datasheet HTML 23Page - Analog Devices AD8197B Datasheet HTML 24Page - Analog Devices AD8197B Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8197B
Rev. 0 | Page 21 of 28
PARALLEL INTERFACE CONFIGURATION REGISTERS
The parallel interface configuration registers can be directly set using the PP_EN, PP_CH[1:0], PP_EQ, PP_PRE[1:0], PP_OTO, and
PP_OCL pins. This interface is accessible only after the part is reset and before any registers are accessed using the serial control interface.
Because most systems use serial control for the input termination resistors, the parallel control interface is limited to controlling the
AD8197B status after reset and before serial logic control. The state of each pin is set by tying it to 3.3 V (Logic 1) or 0 V (Logic 0).
Table 18. Parallel Interface Register Map
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
High speed
switch enable
High speed source select
High Speed Device
Modes
PP_EN
0
0
0
0
PP_CH[1]
PP_CH[0]
Auxiliary switch
enable
Auxiliary switch source select
Auxiliary Device
Modes
1
0
0
0
0
PP_CH[1]
PP_CH[0]
Input term.
select
(terminations
always open in
parallel control
mode)
Receiver Settings
1
Source A and Source B input termination select (No parallel control termination, always open)
Input Termination
Resistor Control.1
0
0
0
0
0
0
0
0
Source C and Source D input termination select (No parallel control termination, always open)
Input Termination
Resistor Control 2
0
0
0
0
0
0
0
0
Source A and Source B input equalization level select
Receive Equalizer 1
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
Source C and Source D input equalization level select
Receive Equalizer 2
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
Output pre-emphasis
level select
Output termination
on/off select
Output current
level select
Transmitter Settings
PP_PE[1]
PP_PE[0]
PP_OTO
PP_OCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com