Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SASL Datasheet(PDF) 1 Page - Weller Tools

Part # 2SASL
Description  Precision tweezers with medium-pointed tips.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

2SASL Datasheet(HTML) 1 Page - Weller Tools

  2SASL Datasheet HTML 1Page - Weller Tools 2SASL Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFESSIONAL
Product Information
2SASL
Product no.: 2SASL
Precision tweezers with medium-pointed tips.
source images
For precision work e.g. under a microscope
Relieved shape facilitates excellent access to the most
confined spaces
Special stainless steel, non-magnetic, non-rusting,
acid-proof, heat-resistant
The perfect Combination - Precision, design, symmetry and balance
Weller Erem™ has a wide range of Tweezers, each designed to be strong, comfortable and precise. Manufactured with uncompromising Swiss quality and created for worldwide
applications, including electronics assembly and healthcare, Weller Erem Tweezers are built to last. Feel the difference with Weller Erem™ – the proven choice. Every time.
Swiss
Made
PRECISION
TOOLS


Similar Part No. - 2SASL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA-10 ETC2-2SA-10 Datasheet
436Kb / 8P
Integrated 2-Axis Hall Sensor
logo
Panasonic Semiconductor
2SA0683 PANASONIC-2SA0683 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
2SA0684 PANASONIC-2SA0684 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
2SA0719 PANASONIC-2SA0719 Datasheet
81Kb / 4P
For low-frequency power amplification and driver amplification Complementary
2SA0720 PANASONIC-2SA0720 Datasheet
81Kb / 4P
For low-frequency power amplification and driver amplification Complementary
More results

Similar Description - 2SASL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
logo
IDEAL-TEK SA
0.SA.DC.0 IDEAL-TEK-0.SA.DC.0 Datasheet
519Kb / 1P
High Precision - Diamond Tip Tweezers
00.SA.DC.0 IDEAL-TEK-00.SA.DC.0 Datasheet
518Kb / 1P
High Precision - Diamond Tip Tweezers
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
High Precision - Diamond Tip Tweezers
3.SA.DC.0 IDEAL-TEK-3.SA.DC.0 Datasheet
521Kb / 1P
High Precision - Diamond Tip Tweezers
35A.SA.DC.1 IDEAL-TEK-35A.SA.DC.1 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
4.SA.DC.0 IDEAL-TEK-4.SA.DC.0 Datasheet
505Kb / 1P
High Precision - Diamond Tip Tweezers
5.SA.DC.0 IDEAL-TEK-5.SA.DC.0 Datasheet
516Kb / 1P
High Precision - Diamond Tip Tweezers
65A.SA.DC.0 IDEAL-TEK-65A.SA.DC.0 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
7.SA.DC.0 IDEAL-TEK-7.SA.DC.0 Datasheet
524Kb / 1P
High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com