Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ISO8200BQTR
Description  Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR Datasheet(HTML) 4 Page - STMicroelectronics

  ISO8200BQTR Datasheet HTML 1Page - STMicroelectronics ISO8200BQTR Datasheet HTML 2Page - STMicroelectronics ISO8200BQTR Datasheet HTML 3Page - STMicroelectronics ISO8200BQTR Datasheet HTML 4Page - STMicroelectronics ISO8200BQTR Datasheet HTML 5Page - STMicroelectronics ISO8200BQTR Datasheet HTML 6Page - STMicroelectronics ISO8200BQTR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 2. X-NUCLEO-OUT01A2 circuit schematic (2 of 2)
J6 and J7, Default:
close 1-2, 3-4, 5-6, 7-8
VCC
OUT1
OUT_EN
OUT2
SYNCH
LOAD
OUT3
IN1
IN2
OUT4
IN3
IN4
OUT5
IN5
IN6
OUT6
IN7
IN8
OUT7
OUT8
STATUS
EXT_Vdd
3v3
J 4
con6-2x3-s trip-male
default: clos e 5-6
1
2
3
4
5
6
D6
R7
390
U1
ISO8200BQ
OUT_EN
21
S YNC
22
LOAD
23
IN1
24
IN2
25
IN3
26
IN4
27
IN5
28
IN6
29
IN7
30
IN8
31
FAULT
32
OUT8A
4
OUT8B
5
OUT7A
6
OUT7B
7
OUT6A
8
OUT6B
9
OUT5A
10
OUT5B
11
OUT4A
12
OUT4B
13
OUT3A
14
OUT3B
15
OUT2A
16
OUT2B
17
J 7
R3
390
R15
1k
R19
15k
R27
15k
C2
10nF
D13
SMBJ 5.0A-TR
R10
390
D7
R17
390
C7
10nF
C5
10nF
R28
15k
D8
C3
10nF
C25
2.2uF
R6
390
R2
390
C8
10nF
D9
C26
0.1uF
R29
15k
R11
390
D3
R5
390
R1
390
J 3
con6-2x3-s trip-male
default: clos e 1-2, 5-6
1
2
3
4
5
6
C13
0.1uF
D10
C1
10nF
D4
C6
10nF
D11
RED LED
R30
15k
R25
15k
J 2
C4
10nF
J 6
R8
390
D5
R4
390
D15
LED YELLOW
R18
15k
R26
15k
R9
390



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com