Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..75 Datasheet(PDF) 23 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..75
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..75 Datasheet(HTML) 23 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..75 Datasheet HTML 19Page - Carlo Gavazzi Holding AG RGC2A60..75 Datasheet HTML 20Page - Carlo Gavazzi Holding AG RGC2A60..75 Datasheet HTML 21Page - Carlo Gavazzi Holding AG RGC2A60..75 Datasheet HTML 22Page - Carlo Gavazzi Holding AG RGC2A60..75 Datasheet HTML 23Page - Carlo Gavazzi Holding AG RGC2A60..75 Datasheet HTML 24Page - Carlo Gavazzi Holding AG RGC2A60..75 Datasheet HTML 25Page - Carlo Gavazzi Holding AG RGC2A60..75 Datasheet HTML 26Page - Carlo Gavazzi Holding AG RGC2A60..75 Datasheet HTML 27Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
23
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Fan operation for versions with integrated fan
ALARM Signal only
ALARM Signal and FAN
START
FAN: ON
Is Chip
temperature >
115°C ?
N
Y
Chip
temperature <
85°C ?
N
Y
START
N
Y
N
Y
SSR output:
OFF
Red LED:
ON
AlarmSignal:
ON
Y
N
Chip
temperature <
80°C?
FAN: OFF
Chip
temperature
limit reached?
SSR output:
ON
Red LED:
OFF
Alarm Signal: OFF
Chip
temperature
limitreached?
SSR output:
OFF
Red LED:
ON
AlarmSignal:
ON
START
FAN: ON
Is Chip
temperature >
115°C ?
N
Y
Is Chip
temperature <
65°C ?
N
Y
START
N
Y
N
Y
SSR output:
OFF
Red LED:
ON
AlarmSignal:
ON
Y
N
Y
Chip
temperature <
80°C?
N
SSR output:
ON
Red LED:
OFF
Alarm Signal: OFF
FAN:
OFF
FAN: OFF
Chip
temperature
limit reached?
SSR output:
ON
Red LED:
OFF
Alarm Signal: OFF
Is Chip
temperature <
65°C?
Chip
temperature
limitreached?
SSR output:
OFF
Red LED:
ON
AlarmSignal:
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com